Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER06XSTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # VIPER06XSTR
Description  Fixed-frequency VIPer plus family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER06XSTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VIPER06XSTR Datasheet HTML 18Page - STMicroelectronics VIPER06XSTR Datasheet HTML 19Page - STMicroelectronics VIPER06XSTR Datasheet HTML 20Page - STMicroelectronics VIPER06XSTR Datasheet HTML 21Page - STMicroelectronics VIPER06XSTR Datasheet HTML 22Page - STMicroelectronics VIPER06XSTR Datasheet HTML 23Page - STMicroelectronics VIPER06XSTR Datasheet HTML 24Page - STMicroelectronics VIPER06XSTR Datasheet HTML 25Page - STMicroelectronics VIPER06XSTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Package mechanical data
VIPER06
22/28
Doc ID 022794 Rev 1
16
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Note:
1
The lead size includes the thickness of the lead finishing material.
2
Dimensions do not include mold protrusion, not to exceed 0.25 mm in total (both sides).
3
Package outline exclusive of metal burr dimensions.
4
Datum plane “H” coincident with the bottom of lead, where lead exits body (refer to
Figure 29 on page 23).
Table 8.
DIP-7 mechanical data
Dim.
mm
Typ
Min
Max
A
5.33
A1
0.38
A2
3.30
2.92
4.95
b
0.46
0.36
0.56
b2
1.52
1.14
1.78
c
0.25
0.20
0.36
D
9.27
9.02
10.16
E
7.87
7.62
8.26
E1
6.35
6.10
7.11
e
2.54
eA
7.62
eB
10.92
L
3.30
2.92
3.81
M(1)(2)
1.
Creepage distance > 800 V.
2.
Creepage distance as given in the 664-1 CEI / IEC standard.
2.508
N
0.50
0.40
0.60
N1
0.60
O(2)(3)
3.
Creepage distance 250 V.
0.548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com