Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER06XSTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPER06XSTR
Description  Fixed-frequency VIPer plus family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER06XSTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPER06XSTR Datasheet HTML 20Page - STMicroelectronics VIPER06XSTR Datasheet HTML 21Page - STMicroelectronics VIPER06XSTR Datasheet HTML 22Page - STMicroelectronics VIPER06XSTR Datasheet HTML 23Page - STMicroelectronics VIPER06XSTR Datasheet HTML 24Page - STMicroelectronics VIPER06XSTR Datasheet HTML 25Page - STMicroelectronics VIPER06XSTR Datasheet HTML 26Page - STMicroelectronics VIPER06XSTR Datasheet HTML 27Page - STMicroelectronics VIPER06XSTR Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Package mechanical data
VIPER06
24/28
Doc ID 022794 Rev 1
Table 9.
SSO10 mechanical data
Dim.
Databook (mm.)
Typ
Min.
Max
A
1.75
A1
0.10
0.25
A2
1.25
b
0.31
0.51
c
0.17
0.25
D
4.90
4.80
5
E
6
5.80
6.20
E1
3.90
3.80
4
e
1
h
0.25
0.50
L
0.40
0.90
K
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com