Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555IN Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS555IN
Description  Low power single CMOS timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555IN Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS555IN Datasheet HTML 6Page - STMicroelectronics TS555IN Datasheet HTML 7Page - STMicroelectronics TS555IN Datasheet HTML 8Page - STMicroelectronics TS555IN Datasheet HTML 9Page - STMicroelectronics TS555IN Datasheet HTML 10Page - STMicroelectronics TS555IN Datasheet HTML 11Page - STMicroelectronics TS555IN Datasheet HTML 12Page - STMicroelectronics TS555IN Datasheet HTML 13Page - STMicroelectronics TS555IN Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristics
TS555
10/20
Table 9.
Static electrical characteristics
VCC = +12 V, Tamb = +25° C, Reset to VCC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current (no load, high and low states)
Tmin. ≤Tamb ≤Tmax
170
400
400
µA
VCL
Control voltage level
Tmin. ≤Tamb ≤Tmax
7.4
7.3
88.6
8.7
V
VDIS
Discharge saturation voltage (Idis = 80 mA)
Tmin. ≤Tamb ≤Tmax
0.09
1.5
2.0
V
IDIS
Discharge pin leakage current
1
100
nA
VOL
Low level output voltage (Isink = 50 mA)
Tmin. ≤Tamb ≤Tmax
1.2
2
2.8
V
VOH
High level output voltage (Isource = -10 mA)
Tmin. ≤Tamb ≤Tmax
10.5
10.5
11
V
VTRIG
Trigger voltage
Tmin. ≤Tamb ≤Tmax
3.2
3.1
44.8
4.9
V
ITRIG
Trigger current
10
pA
ITH
Threshold current
10
pA
VRESET
Reset Voltage
Tmin. ≤Tamb ≤Tmax
0.4
0.3
1.1
1.5
2.0
V
IRESET
Reset current
10
pA
Table 10.
Dynamic electrical characteristics
VCC = +12 V, Tamb = +25° C, Reset to VCC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Timing accuracy (monostable) (1)
R = 10 k
Ω, C = 0.1 µF, VCC = +12 V
1.
See Figure 4.
4%
Timing shift with supply voltage variations
(monostable) (1)
R = 10 k
Ω, C = 0.1 µF, VCC = +5 V ±1 V
0.38
%/V
Timing shift with temperature
Tmin. ≤Tamb ≤Tmax., VCC = +5 V
75
ppm/°C
fmax
Maximum astable frequency (2)
RA = 470 Ω, RB = 200 Ω, C = 200 pF, VCC = +5 V
2.
See Figure 6.
2.7
MHz
Astable frequency accuracy
RA = RB = 1 kΩ to 100 kΩ, C = 0.1 µF,
VCC = +12 V
3%
Timing shift with supply voltage variations
(astable mode)
RA = RB = 1 kΩ to 100 kΩ, C = 0.1 µF,
VCC = 5 to +12 V
0.1
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com