Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555IN Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS555IN
Description  Low power single CMOS timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555IN Datasheet(HTML) 2 Page - STMicroelectronics

  TS555IN Datasheet HTML 1Page - STMicroelectronics TS555IN Datasheet HTML 2Page - STMicroelectronics TS555IN Datasheet HTML 3Page - STMicroelectronics TS555IN Datasheet HTML 4Page - STMicroelectronics TS555IN Datasheet HTML 5Page - STMicroelectronics TS555IN Datasheet HTML 6Page - STMicroelectronics TS555IN Datasheet HTML 7Page - STMicroelectronics TS555IN Datasheet HTML 8Page - STMicroelectronics TS555IN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute maximum ratings and operating conditions
TS555
2/20
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
+18
V
IOUT
Output current
± 100
mA
Rthja
Thermal resistance junction to ambient
DIP8 (1)
SO8 (2)
TSSOP8 (2)
1.
Short-circuits can cause excessive heating. These values are typical and specified for a single layer PCB.
2.
Short-circuits can cause excessive heating. These values are typical and specified for a four layers PCB.
85
125
120
°C/W
Rthjc
Thermal resistance junction to case
DIP8 (1)
SO8 (2)
TSSOP8 (2)
41
40
37
°C/W
Tj
Junction temperature
+150
°C
Tstg
Storage temperature range
-65 to +150
°C
ESD
Human body model (HBM)(3)
3.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
1500
V
Machine model (MM)(4)
4.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins remain floating.
200
Charged device model (CDM)(5)
5.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1000
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2 to 16
V
IOUT
Output sink current
Output source current
10
50
mA
Toper
Operating free air temperature range
TS555C
TS555I
TS555M
0 to +70
-40 to +125
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com