Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16C554APNR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C554APNR
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C554APNR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TL16C554APNR Datasheet HTML 28Page - Texas Instruments TL16C554APNR Datasheet HTML 29Page - Texas Instruments TL16C554APNR Datasheet HTML 30Page - Texas Instruments TL16C554APNR Datasheet HTML 31Page - Texas Instruments TL16C554APNR Datasheet HTML 32Page - Texas Instruments TL16C554APNR Datasheet HTML 33Page - Texas Instruments TL16C554APNR Datasheet HTML 34Page - Texas Instruments TL16C554APNR Datasheet HTML 35Page - Texas Instruments TL16C554APNR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 12. Baud Rates Using an 16-MHz Clock
BAUD RATE
DESIRED
DIVISOR (N) USED TO
GENERATE 16
× CLOCK
PERCENT ERROR DIFFERENCE
BETWEEN DESIRED AND ACTUAL
50
20000
0
75
13334
0.00
110
9090
0.01
134.5
7434
0.01
150
6666
0.01
300
3334
−0.02
600
1666
0.04
1200
834
−0.08
1800
554
0.28
2000
500
0.00
2400
416
0.16
3600
278
−0.08
4800
208
0.16
7200
138
0.64
9600
104
0.16
19200
52
0.16
38400
26
0.16
56000
18
−0.79
128000
8
−2.34
256000
4
−2.34
512000
2
−2.34
1000000
1
0.00
receiver
Serial asynchronous data is input into the RXx terminal. The ACE continually searches for a high-to-low
transition. When the transition is detected, a circuit is enabled to sample incoming data bits at the optimum point,
which is the center of each bit. The start bit is valid when RXx is still low at the sample point. Verifying the start
bits prevents the receiver from assembling a false data character due to a low-going noise spike on the RXx
input.
The number of data bits in a character is controlled by LCR0 and LCR1. Parity checking, generation, and polarity
are controlled by LCR3 and LCR4. Receiver status is provided in the LSR. When a full character is received,
including parity and stop bits, the data received indicator in LSR0 is set. In non-FIFO mode, the CPU reads the
RBR, which clears LSR0. If the character is not read prior to a new character transfer from RSR to RBR, an
overrun occurs and the overrun error status indicator is set in LSR1. If there is a parity error, the parity error is
set in LSR2. If a stop bit is not detected, a framing error indicator is set in LSR3.
In the FIFO mode, the data character and the associated error bits are stored in the receiver FIFO. If the data
in RXx is a symmetrical square wave, the center of the data cells occurs within
±3.125% of the actual center,
providing an error margin of 46.875%. The start bit can begin as much as one 16
× clock cycles prior to being
detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com