Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16C554APNR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C554APNR
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C554APNR Datasheet(HTML) 38 Page - Texas Instruments

Back Button TL16C554APNR Datasheet HTML 34Page - Texas Instruments TL16C554APNR Datasheet HTML 35Page - Texas Instruments TL16C554APNR Datasheet HTML 36Page - Texas Instruments TL16C554APNR Datasheet HTML 37Page - Texas Instruments TL16C554APNR Datasheet HTML 38Page - Texas Instruments TL16C554APNR Datasheet HTML 39Page - Texas Instruments TL16C554APNR Datasheet HTML 40Page - Texas Instruments TL16C554APNR Datasheet HTML 41Page - Texas Instruments TL16C554APNR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Revision History
DATE
REV
PAGE
SECTION
DESCRIPTION
3/2/06
B
21
—
Near middle of page, changed
(FCR0 = 1, IER = 1). to (FCR0 =1, IER1 = 1).
—
—
Changed from Product Preview to Production Data.
—
Typical Characteristics
Added Typical Characteristics.
1
Description
Split first paragraph into two and started second paragraph on next column to
improve flow.
3, 4
Electrical Characteristics
Changed condition note to refer to placeholder Figure XXX.
5, 6
Electrical Characteristics
(+5V)
Changed condition note to refer to placeholder Figure X.
2/25/05
A
7, 8
Electrical Characteristics
(+3.3V)
Changed condition note to refer to placeholder Figure XX.
2/25/05
A
910
Changed part number in Figures 6 and 10 to read OPA2832.
9, 10
Ti
l Ch
t i ti
Changed condition note to refer to placeholder Figure XXX.
10
Typical Characteristics
(+5V)
Added note “One Channel Only” to Figure 11.
12−15
(+5V)
Changed condition note to refer to placeholder Figure X.
13, 14
Changed part number in Figures 29, 32, and 34 to read OPA2832.
17
Typical Characteristics
Changed part number in Figure 49 to read OPA2832.
17, 18
Typical Characteristics
(+3.3V)
Changed condition note to refer to placeholder Figure XX.
See
Note
Global
Product Preview information.
Front Page Diagram
Added image title.
1
Logo
Changed logo from TI to Burr-Brown Products from Texas Instruments
1
Front Page Diagram
Added the word “Chebyshev” to diagram title.
2/8/05
*
Features
Changed 350V/ns to 350V/
μs in sixth bullet.
2/8/05
*
2
Pin Out
Changed pin out drawing.
3
Electrical Characteristics
Added em-dash (—) to +25
°C column of Input Bias Current Drift line under DC
Performance section of table.
3
Electrical Characteristics
(
±5V)
Changed columns 2, 3, 4, 5, 7, and 9 to eliminate unnatural breaks in table and
improve appearance.
7, 8
Electrical Characteristics
(+3.3V)
Deleted unnecessary sixth column of table.
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com