Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC193MFKB Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC193MFKB
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC193MFKB Datasheet(HTML) 5 Page - Texas Instruments

  TLC193MFKB Datasheet HTML 1Page - Texas Instruments TLC193MFKB Datasheet HTML 2Page - Texas Instruments TLC193MFKB Datasheet HTML 3Page - Texas Instruments TLC193MFKB Datasheet HTML 4Page - Texas Instruments TLC193MFKB Datasheet HTML 5Page - Texas Instruments TLC193MFKB Datasheet HTML 6Page - Texas Instruments TLC193MFKB Datasheet HTML 7Page - Texas Instruments TLC193MFKB Datasheet HTML 8Page - Texas Instruments TLC193MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115E − DECEMBER 1986 − REVISED JULY 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
recommended operating conditions
TLC393Q
UNIT
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4
5
16
V
Common-mode input voltage, VIC
0
VDD − 1.5
V
Low-level output current, IOL
20
mA
Operating free-air temperature, TA
−40
125
°C
electrical characteristics at specified operating free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
T
TLC393Q
UNIT
PARAMETER
TEST CONDITIONS†
TA
MIN
TYP
MAX
UNIT
V
Inp t offset oltage
VIC = VICRmin,
VDD 5Vto10V
25
°C
1.4
5
mV
VIO
Input offset voltage
VDD = 5 V to 10 V,
See Note 4
−40
°C to 125°C
10
mV
I
Inp t offset c rrent
V
25V
25
°C
1
pA
IIO
Input offset current
VIC = 2.5 V
125
°C
15
nA
I
Inp t bias c rrent
V
25V
25
°C
5
pA
IIB
Input bias current
VIC = 2.5 V
125
°C
30
nA
V
Common mode inp t oltage range
25
°C
0 to VDD − 1
V
VICR
Common-mode input voltage range
−40
°C to 125°C 0 to VDD − 1.5
V
25
°C
84
CMMR
Common-mode rejection ratio
VIC = VICRmin
125
°C
84
dB
CMMR
Common mode rejection ratio
VIC VICRmin
−40
°C
84
dB
25
°C
85
kSVR
Supply-voltage rejection ratio
VDD = 5 V to 10 V
125
°C
84
dB
kSVR
Su
ly voltage rejection ratio
VDD 5 V to 10 V
−40
°C
84
dB
V
Lo
le el o tp t oltage
V
1V
I
6 mA
25
°C
300
400
mV
VOL
Low-level output voltage
VID = −1 V, IOL = 6 mA
125
°C
800
mV
I
High le el o tp t c rrent
V1 V
V
5 V
25
°C
0.8
40
nA
IOH
High-level output current
VID = 1 V,
VO = 5 V
125
°C
1
µA
IDD
Supply current (both comparators)
Outputs low No load
25
°C
22
40
µA
IDD
Supply current (both comparators)
Outputs low, No load
−40
°C to 125°C
90
µA
† All characteristics are measured with zero common-mode voltage unless otherwise noted.
NOTE 4: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V (with a 2.5-k
Ω load to
VDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com