Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC193MFKB Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC193MFKB
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC193MFKB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC193MFKB Datasheet HTML 3Page - Texas Instruments TLC193MFKB Datasheet HTML 4Page - Texas Instruments TLC193MFKB Datasheet HTML 5Page - Texas Instruments TLC193MFKB Datasheet HTML 6Page - Texas Instruments TLC193MFKB Datasheet HTML 7Page - Texas Instruments TLC193MFKB Datasheet HTML 8Page - Texas Instruments TLC193MFKB Datasheet HTML 9Page - Texas Instruments TLC193MFKB Datasheet HTML 10Page - Texas Instruments TLC193MFKB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115E − DECEMBER 1986 − REVISED JULY 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
switching characteristics, VDD = 5 V, TA = 25°C (see Figure 3)
PARAMETER
TEST CONDITIONS
TLC393C, TLC393I
TLC393Q, TLC193M,
TLC393M
UNIT
MIN
TYP
MAX
Overdrive = 2 mV
4.5
f10 kH
Overdrive = 5 mV
2.5
tPLH
Propagation delay time, low-to-high-level output
f = 10 kHz,
CL =15 pF
Overdrive = 10 mV
1.7
µs
tPLH
Pro agation delay time, low to high level out ut
CL = 15 pF
Overdrive = 20 mV
1.2
µs
Overdrive = 40 mV
1.1
VI = 1.4-V step at IN +
1.1
Overdrive = 2 mV
3.6
f10 kH
Overdrive = 5 mV
2.1
tPHL
Propagation delay time, high-to-low-level output
f = 10 kHz,
CL =15 pF
Overdrive = 10 mV
1.3
µs
tPHL
Pro agation delay time, high to low level out ut
CL = 15 pF
Overdrive = 20 mV
0.85
µs
Overdrive = 40 mV
0.55
VI = 1.4-V step at IN +
0.10
tf
Fall time, output
f = 10 kHz,
CL = 15 pF
Overdrive = 50 mV
22
ns
PARAMETER MEASUREMENT INFORMATION
The TLC393 contains a digital output stage which, if held in the linear region of the transfer curve, can cause
damage to the device. Conventional operational amplifier/comparator testing incorporates the use of a servo
loop that is designed to force the device output to a level within this linear region. Since the servo-loop method
of testing cannot be used, the following alternatives for testing parameters such as input offset voltage,
common-mode rejection ratio, etc., are suggested.
To verify that the input offset voltage falls within the limits specified, the limit value is applied to the input as shown
in Figure 1(a). With the noninverting input positive with respect to the inverting input, the output should be high.
With the input polarity reversed, the output should be low.
A similar test can be made to verify the input offset voltage at the common-mode extremes. The supply voltages
can be slewed as shown in Figure 1(b) for the VICR test, rather than changing the input voltages, to provide
greater accuracy.
+
−
5 V
Applied VIO
Limit
VO
+
−
1 V
Applied VIO
Limit
VO
− 4 V
(a) VIO WITH VIC = 0 V
(b) VIO WITH VIC = 4 V
5.1 k
Ω
5.1 k
Ω
Figure 1. Method for Verifying That Input Offset Voltage Is Within Specified Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com