Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1501IRCPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1501IRCPR
Description  0.6 TO 1.5 GBPS TRANSCEIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1501IRCPR Datasheet(HTML) 2 Page - Texas Instruments

  TLK1501IRCPR Datasheet HTML 1Page - Texas Instruments TLK1501IRCPR Datasheet HTML 2Page - Texas Instruments TLK1501IRCPR Datasheet HTML 3Page - Texas Instruments TLK1501IRCPR Datasheet HTML 4Page - Texas Instruments TLK1501IRCPR Datasheet HTML 5Page - Texas Instruments TLK1501IRCPR Datasheet HTML 6Page - Texas Instruments TLK1501IRCPR Datasheet HTML 7Page - Texas Instruments TLK1501IRCPR Datasheet HTML 8Page - Texas Instruments TLK1501IRCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TLK1501
0.6 TO 1.5 GBPS TRANSCEIVER
SLLS428F − JUNE 2000 − REVISED JANUARY 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TLK1501 provides an internal loopback capability for self-test purposes. Serial data from the serializer is
passed directly to the deserializer, allowing the protocol device a functional self-check of the physical interface.
The TLK1501 is designed to be hot plug capable. An on-chip power-on reset circuit holds the RX_CLK low
during power up. This circuit also holds the parallel side output signal terminals during power up as well as
DOUTTXP and DOUTTXN in a high-impedance state.
The TLK1501 has a loss of signal detection circuit for conditions where the incoming signal no longer has a
sufficient voltage amplitude to keep the clock recovery circuit in lock.
To prevent a data bit error from causing a valid data packet from being interpreted as a comma and thus causing
the erroneous word alignment by the comma detection circuit, the comma word alignment circuit is turned off
after the link is properly established in TLK1501.
The TLK1501 allows users to implement redundant ports by connecting receive data bus terminals from two
TLK1501 devices together. Asserting the LCKREFN to a low state causes the receive data bus terminals,
RXD[0:15], RX_CLK and RX_ER, RX_DV/LOS to go to a high-impedance state. This places the device in a
transmit-only mode, since the receiver is not tracking the data.
The TLK1501 uses a 2.5-V supply. The I/O section is 3 V compatible. With the 2.5-V supply the chipset is very
power-efficient, consuming less than 360 mW typically. The TLK1501 is characterized for operation from −40
°C
to 85
°C.
AVAILABLE OPTIONS
PACKAGE
TA
PowerPAD QUAD FLATPACK
(PQFP)
−40
°C to 85°C
TLK1501IRCP
−40
°C to 85°C
TLK1501IRCPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com