Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1501IRCPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1501IRCPR
Description  0.6 TO 1.5 GBPS TRANSCEIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1501IRCPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLK1501IRCPR Datasheet HTML 17Page - Texas Instruments TLK1501IRCPR Datasheet HTML 18Page - Texas Instruments TLK1501IRCPR Datasheet HTML 19Page - Texas Instruments TLK1501IRCPR Datasheet HTML 20Page - Texas Instruments TLK1501IRCPR Datasheet HTML 21Page - Texas Instruments TLK1501IRCPR Datasheet HTML 22Page - Texas Instruments TLK1501IRCPR Datasheet HTML 23Page - Texas Instruments TLK1501IRCPR Datasheet HTML 24Page - Texas Instruments TLK1501IRCPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TLK1501
0.6 TO 1.5 GBPS TRANSCEIVER
SLLS428F − JUNE 2000 − REVISED JANUARY 2004
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
recommended values of external resistors (1% tolerance)
PARAMETER
TEST CONDITIONS
RECOMMENDED
UNIT
R(t), Termination resistor
50
Ω environment
50
Ω
R(t), Termination resistor
75
Ω environment
75
Ω
R(REF), Reference resistor
50
Ω environment
200
Ω
R(REF), Reference resistor
75
Ω environment
300
Ω
RREF − Resistor Reference −
Ω
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
150
200
250
300
VOLTAGE
vs
RESISTOR REFERENCE
VODP at 75
Ω
VODD at 50
Ω
VODD at 75
Ω
VODP at 50
Ω
Figure 14. Differential Transmitter Voltage
choosing RREF resistor values
TLK1501 offers the flexibility to customize the voltage swing and transmission line termination by adjusting the
reference resistor, RREF, and termination resistor, Rt. By choosing particular resistor values, the system can
be optimized for a particular transmission line impedance, length, and controlling the output swing for EMI and
attenuation concerns. Refer to Figure 14 to determine the nominal voltage swing and driver current as a function
of resistor values. It is recommended that 1% tolerance resistors be used. Refer to Figure 15 for high-speed
I/O directly coupled mode and Figure 16 for high-speed I/O ac-coupled mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com