Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB81BA3DI Datasheet(PDF) 3 Page - Texas Instruments

Part # TSB81BA3DI
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3DI Datasheet(HTML) 3 Page - Texas Instruments

  TSB81BA3DI Datasheet HTML 1Page - Texas Instruments TSB81BA3DI Datasheet HTML 2Page - Texas Instruments TSB81BA3DI Datasheet HTML 3Page - Texas Instruments TSB81BA3DI Datasheet HTML 4Page - Texas Instruments TSB81BA3DI Datasheet HTML 5Page - Texas Instruments TSB81BA3DI Datasheet HTML 6Page - Texas Instruments TSB81BA3DI Datasheet HTML 7Page - Texas Instruments TSB81BA3DI Datasheet HTML 8Page - Texas Instruments TSB81BA3DI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
TSB81BA3D, TSB81BA3DI
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SLLS559E − DECEMBER 2002 − REVISED JUNE 2006
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Both the twisted pair A (TPA) and the twisted pair B (TPB) cable interfaces incorporate differential comparators
to monitor the line states during initialization and arbitration when connected to a 1394a−2000 compliant device.
The outputs of these comparators are used by the internal logic to determine the arbitration status. The TPA
channel monitors the incoming cable common-mode voltage. The value of this common-mode voltage is used
during 1394a-mode arbitration and sets the speed of the next packet transmission. In addition, the TPB channel
monitors the incoming cable common-mode voltage on the TPB pair for the presence of the remotely supplied
twisted pair bias (TPBIAS) voltage.
When connected to a 1394a−2000 compliant node, the TSB81BA3D provides a 1.86-V nominal bias voltage
at the TPBIAS terminal for port termination. The PHY contains three independent TPBIAS circuits (one for each
port). This bias voltage, when seen through a cable by a remote receiver, indicates the presence of an active
connection. This bias voltage source must be stabilized by an external filter capacitor of 1
μF.
The line drivers in the TSB81BA3D, are designed to work with external 112-
Ω termination resistor networks in
order to match the 110-
Ω cable impedance. One termination network is required at each end of a twisted-pair
cable. Each network is composed of a pair of series-connected ~56-
Ω resistors. The midpoint of the pair of
resistors that are connected to the TPA terminals is connected to its corresponding TPBIAS voltage terminal.
The midpoint of the pair of resistors that are directly connected to the TPB terminals is coupled to ground through
a parallel RC network with recommended values of 5 k
Ω and 270 pF. The values of the external line-termination
resistors are designed to meet the standard specifications when connected in parallel with the internal receiver
circuits. A precision external resistor connected between the R0 and R1 terminals sets the driver output current,
along with other internal operating currents.
When the power supply of the TSB81BA3D is off while the twisted-pair cables are connected, the TSB81BA3D
transmitter and receiver circuitry present a high-impedance signal to the cable that does not load the device at
the other end of the cable.
When the TSB81BA3D is used without one or more of the ports brought out to a connector, the twisted-pair
terminals of the unused ports must be terminated for reliable operation. For each unused port, the port must
be forced to the 1394a-only mode (Data-Strobe-only mode), then the TPB+ and TPB− terminals can be tied
together and then pulled to ground; or the TPB+ and TPB− terminals can be connected to the suggested normal
termination network. The TPA+ and TPA− terminals of an unused port can be left unconnected. The TPBIAS
terminal can be connected to a 1-
μF capacitor to ground or left unconnected.
To operate a port as a 1394b bilingual port, the force data-strobe-only terminal for the port (DS0, DS1, or DS2)
needs to be pulled to ground through a 1-k
Ω resistor. The port must be operated in the 1394b bilingual mode
whenever a 1394b bilingual or a 1394b beta-only connector is connected to the port. To operate the port as a
1394a-only port, the force data-strobe-only terminal (DS0, DS1, or DS2) needs to be pulled to 3.3 V VCC through
a 1-k
Ω resistor. The only time the port must be forced to the data-strobe-only mode is if the port is connected
to a 1394a connector (either 6-pin, which is recommended, or 4-pin). This mode is provided to ensure that 1394b
signalling is never sent across a 1394a cable.
The TESTM, TESTW, SE, and SM terminals are used to set up various manufacturing test conditions. For
normal operation, the TESTM and TESTW terminals must be connected to VDD through a 1-kΩ resistor. The
SE and SM terminals must be tied to ground through a 1-k
Ω resistor.
Three package terminals are used as inputs to set the default value for three configuration status bits in the
self-ID packet. They may be pulled high through a 1-k
Ω resistor or hardwired low as a function of the equipment
design. The PC0, PC1, and PC2 terminals indicate the default power class status for the node (the need for
power from the cable or the ability to supply power to the cable). The contender bit in the PHY register set
indicates that the node is a contender either for the isochronous resource manager (IRM) or for the bus manager
(BM). On the TSB81BA3D, this bit may only be set by a write to the PHY register set. If a node desires to be
a contender for IRM or BM, then the node software must set this bit in the PHY register set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com