Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB81BA3DI Datasheet(PDF) 39 Page - Texas Instruments

Part # TSB81BA3DI
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3DI Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSB81BA3DI Datasheet HTML 35Page - Texas Instruments TSB81BA3DI Datasheet HTML 36Page - Texas Instruments TSB81BA3DI Datasheet HTML 37Page - Texas Instruments TSB81BA3DI Datasheet HTML 38Page - Texas Instruments TSB81BA3DI Datasheet HTML 39Page - Texas Instruments TSB81BA3DI Datasheet HTML 40Page - Texas Instruments TSB81BA3DI Datasheet HTML 41Page - Texas Instruments TSB81BA3DI Datasheet HTML 42Page - Texas Instruments TSB81BA3DI Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
TSB81BA3D, TSB81BA3DI
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SLLS559E − DECEMBER 2002 − REVISED JUNE 2006
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394a−2000 INTERFACE)
interface reset and disable (continued)
The LLC requests that the interface be reset by deasserting the LPS signal and terminating all bus and request
activity. When the PHY observes that LPS has been deasserted for TLPS_RESET, it resets the interface. When
the interface is in the reset state, the PHY sets its CTL and D outputs in the logic 0 state and ignores any activity
on the LREQ signal. Figure 17 shows the timing for interface reset.
PCLK
(a)
(c)
(b)
CTL0, CTL1
D0 − D7
LREQ
LPS
(d)
TLPS_RESET
TRESTORE
Figure 17. Interface Reset
The sequence of events for resetting the PHY-LLC interface is as follows:
(a) Normal operation. Interface is operating normally, with LPS asserted, PCLK active, status and packet data
reception and transmission via the CTL and D lines, and request activity via the LREQ line. In the above
diagram, the LPS signal is shown as a nonpulsed level signal. However, it is permissible to use a pulsed
signal for LPS in a direct connection between the PHY and LLC; a pulsed signal is required when using an
isolation barrier.
(b) LPS deasserted. The LLC deasserts the LPS signal and, within 1.0
μs, terminates any request or interface
bus activity, places its CTL and D outputs into a high-impedance state, and drives its LREQ output low.
(c) Interface reset. After TLPS_RESET time, the PHY determines that LPS is inactive, terminates any interface
bus activity, and drives its CTL and D outputs low. The PHY-LLC interface is now in the reset state.
(d) Interface restored. After the minimum TRESTORE time, the LLC may again assert LPS active. When LPS
is asserted, the interface is initialized as described below.
If the LLC continues to keep the LPS signal deasserted, it then requests that the interface be disabled. The PHY
disables the interface when it observes that LPS has been deasserted for TLPS_DISABLE. When the interface
is disabled, the PHY sets its CTL and D outputs as stated above for interface reset, but also stops PCLK activity.
The interface is also placed into the disabled condition upon a hardware reset of the PHY. Figure 18 shows the
timing for the interface disable.
When the interface is disabled, the PHY enters a low-power state if none of its ports are active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com