Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMC-600-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # GMC-600-R
Description  5 x 20mm Medium Time-Delay Glass Tube Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GMC-600-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  GMC-600-R Datasheet HTML 1Page - Cooper Bussmann, Inc. GMC-600-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5 x 20mm Medium Time-Delay Glass Tube Fuses
GMC Series
0711
BU-SB11757
Page 1 of 2
Data Sheet 4395
Description
• Medium time-delay, low breaking capacity
• Available with optional axial leads
• 5 x 20mm physical size
• Glass tube, nickel-plated brass endcap construction
• Designed to UL/CSA 248-14
Agency Information
• UL Listed, Guide JDYX, File E19180, 63mA-6.3A
• UL Recognized Card: (7A-10A) Guide JDYX2, File E19180
• CSA Certified, Class 1422-01, File E65063, 63mA-6.3A
• MITI Approval, 1A-10A
• KC-Mark: Certificate SU05011-4001 (63mA~250mA); SU05011-4002
(300mA~800mA); SU05011-4003 (1A~3.15A); SU05011-4004 (3.5A~6.3A)
Ordering
• Specify packaging code prefix, product number and option code suffix
• For RoHS compliant version (suffix “-R”), drop mA or A from product code
(e.g., GMC-2-R)
Electrical Characteristics
Rated Current
% of Amp Rating
Opening Time
100%
None
63mA - 10A
135%
60 minutes maximum
200%
2 minutes maximum
* Interrupting ratings: Interrupting ratings for 63mA - 6.3A were measured at 70% - 80% power factor on AC. The interrupting ratings for 7A - 10A were measured at 100% power factor on AC.
** DC Cold Resistance (Measured at <10% of rated current)
Typical Pre-Arching I2t (I2t was measured at listed interrupting rating and rated voltage)
Maximum Voltage drop (Voltage drop was measured at 20°C ambient temperature at rated current)
Specifications
Voltage
Typical DC Cold
Typical
Maximum
Product
Rating
Interrupting Rating (Amps)*
Resistance
Pre-Arc I
2t
Voltage
Number
Vac
250Vac
125Vac
(
Ω)**
AC
Drop (mV)
GMC-63mA
250
35
10,000
10.350
0.0027
1400
GMC-80mA
250
35
10,000
-
0.0050
1400
GMC-100mA
250
35
10,000
4.775
0.0094
1200
GMC-125mA
250
35
10,000
3.400
0.014
1000
GMC-150mA
250
35
10,000
2.555
0.022
800
GMC-160mA
250
35
10,000
2.295
0.022
730
GMC-200mA
250
35
10,000
1.395
0.032
650
GMC-250mA
250
35
10,000
0.965
0.046
490
GMC-300mA
250
35
10,000
0.838
0.081
580
GMC-315mA
250
35
10,000
0.685
0.081
480
GMC-400mA
250
35
10,000
0.615
0.18
510
GMC-500mA
250
35
10,000
0.335
0.41
370
GMC-600mA
250
35
10,000
0.282
0.60
360
GMC-630mA
250
35
10,000
0.246
0.66
360
GMC-700mA
250
35
10,000
0.213
0.85
340
GMC-750mA
250
35
10,000
0.213
0.85
320
GMC-800mA
250
35
10,000
0.180
0.85
290
GMC-1A
250
35
10,000
0.156
1.8
250
GMC-1.25A
250
100
10,000
0.098
3.4
200
GMC-1.5A
250
100
10,000
0.076
5.4
190
GMC-1.6A
250
100
10,000
0.067
5.8
160
GMC-2A
250
100
10,000
0.043
8.9
130
GMC-2.5A
250
100
10,000
0.035
13
130
GMC-3A
250
100
10,000
0.026
19
130
GMC-3.15A
250
100
10,000
0.025
23
130
GMC-3.5A
125
-
10,000
0.022
25
130
GMC-4A
125
-
10,000
0.019
36
120
GMC-5A
125
-
10,000
0.014
58
120
GMC-6A
125
-
10,000
0.013
88
120
GMC-6.3A
125
-
10,000
0.012
110
120
GMC-7A
125
-
200
0.012
150
120
GMC-8A
125
-
200
0.009
200
110
GMC-10A
125
-
200
0.007
300
110
Pb
HALOGEN
HF
FREE


Similar Part No. - GMC-600-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
GMC-600-R EATON-GMC-600-R Datasheet
431Kb / 2P
5 mm x 20 mm Medium time-delay glass tube fuses
More results

Similar Description - GMC-600-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S506-4-R COOPER-S506-4-R Datasheet
304Kb / 2P
5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
S506-2-R COOPER-S506-2-R Datasheet
304Kb / 2P
5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
S505-500-R COOPER-S505-500-R Datasheet
379Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
S505-2-R COOPER-S505-2-R Datasheet
380Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
BK-GMD-200MA COOPER-BK-GMD-200MA Datasheet
447Kb / 2P
5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
Time-Delay, Glass Tube Fuses
C515-125-R COOPER-C515-125-R Datasheet
253Kb / 2P
5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
C519-125-R COOPER-C519-125-R Datasheet
293Kb / 2P
5 x 15mm Time-Delay Glass Tube Fuses
logo
Eaton All Rights Reserv...
GMC EATON-GMC Datasheet
431Kb / 2P
5 mm x 20 mm Medium time-delay glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com