Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMC-600-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # GMC-600-R
Description  5 x 20mm Medium Time-Delay Glass Tube Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GMC-600-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  GMC-600-R Datasheet HTML 1Page - Cooper Bussmann, Inc. GMC-600-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Option Code
Product Number Suffix
Description
-V
Axial leads - copper tinned wire with nickel plated brass overcaps (place before amp rating; e.g., GMC-V-2)
-R
RoHS compliant version (drop “mA” or “A” from product number when ordering)
Packaging Code
Product Number Prefix
Description
BK-
100 fuses packed into a cardboard carton
BK1-
1000 fuses packed into a poly bag
TR2-
1500 Axial lead fuses packed into tape on a reel (19.05mm lead wire length)
© 2011 Cooper Bussmann
www.cooperbussmann.com
0711
BU-SB11757
Page 2 of 2
Data Sheet 4395
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup-
port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.
Time-Current Curves
CURRENT IN AMPS
100
10
1
.1
.01
AMP
RATING
Dimensions - mm
Drawing Not to Scale
20mm
(0.5)
5.2mm
(+0.1/-0.2)
38.10mm
(.38)
5.54mm
(.20)
21.10mm
(.81)
0.65mm
(REF)
10mm
(2.0)
38.10mm
(.38)
• Ratings above 6.3A have a 0.8mm diameter lead
• With TR2 packaging code, lead wire length is 19.05mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com