Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5010DP Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX5010DP
Description  INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX5010DP Datasheet(HTML) 4 Page - Motorola, Inc

  MPX5010DP Datasheet HTML 1Page - Motorola, Inc MPX5010DP Datasheet HTML 2Page - Motorola, Inc MPX5010DP Datasheet HTML 3Page - Motorola, Inc MPX5010DP Datasheet HTML 4Page - Motorola, Inc MPX5010DP Datasheet HTML 5Page - Motorola, Inc MPX5010DP Datasheet HTML 6Page - Motorola, Inc MPX5010DP Datasheet HTML 7Page - Motorola, Inc MPX5010DP Datasheet HTML 8Page - Motorola, Inc MPX5010DP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MPX5010 SERIES
4
Motorola Sensor Device Data
Transfer Function (MPX5010D)
Nominal Transfer Value: Vout = VS x (0.09 x P + 0.04)
Nominal Transfer Value:
± (Pressure Error x Temp. Factor x 0.09 x VS)
Nominal Transfer Value: VS = 5.0 V ± 0.25 Vdc
Temperature Error Band
Temp
Multiplier
– 40
3
0 to 85
1
+125
3
Temperature in C
°
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
MPX5010D Series
Temperature
Error
Factor
Pressure Error Band
NOTE: The Temperature Multiplier is a linear response from 0
° to –40°C and from 85° to 125°C.
Pressure (kPa)
0.5
0.4
0.2
–0.3
–0.4
–0.5
0
12
3
456
7
Pressure
Error (Max)
0 to 10 kPa
± 0.5 kPa
89
0
0.3
0.1
–0.2
–0.1
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com