Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5010DP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPX5010DP
Description  INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX5010DP Datasheet(HTML) 3 Page - Motorola, Inc

  MPX5010DP Datasheet HTML 1Page - Motorola, Inc MPX5010DP Datasheet HTML 2Page - Motorola, Inc MPX5010DP Datasheet HTML 3Page - Motorola, Inc MPX5010DP Datasheet HTML 4Page - Motorola, Inc MPX5010DP Datasheet HTML 5Page - Motorola, Inc MPX5010DP Datasheet HTML 6Page - Motorola, Inc MPX5010DP Datasheet HTML 7Page - Motorola, Inc MPX5010DP Datasheet HTML 8Page - Motorola, Inc MPX5010DP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MPX5010 SERIES
3
Motorola Sensor Device Data
ON–CHIP TEMPERATURE COMPENSATION, CALIBRATION AND SIGNAL CONDITIONING
Figure 2 illustrates the Differential/Gauge Sensing Chip in
the basic chip carrier (Case 867). A fluorosilicone gel isolates
the die surface and wire bonds from the environment, while
allowing the pressure signal to be transmitted to the sensor
diaphragm.
The MPX5010 series pressure sensor operating character-
istics, and internal reliability and qualification tests are based
on use of dry air as the pressure media. Media, other than dry
air, may have adverse effects on sensor performance and
long–term reliability. Contact the factory for information
regarding media compatibility in your application.
Figure 3 shows a typical decoupling circuit for interfacing
the integrated sensor to the A/D input of a microprocessor.
Proper decoupling of the power supply is recommended.
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical, minimum, and maximum output curves
are shown for operation over a temperature range of 0
° to
85
°C using the decoupling circuit below. (The output will sat-
urate outside of the specified pressure range.)
Figure 2. Cross–Sectional Diagram
(Not to Scale)
µ PROCESSOR
A/D
51 k
50 pF
MPX5010
OUTPUT
(PIN 1)
Figure 3. Typical Decoupling Filter for Sensor to
Microprocessor Interface
SILICONE
DIE COAT
WIRE BOND
LEAD FRAME
DIE
STAINLESS STEEL
METAL COVER
RTV DIE
BOND
P1
P2
EPOXY CASE
Figure 4. Output versus Pressure Differential
DIFFERENTIAL PRESSURE (kPa)
5.0
4.0
3.0
2.0
0
11
7
3
0
9
5
4.5
3.5
2.5
1.5
1
1.0
0.5
10
6
28
4
TRANSFER FUNCTION:
Vout = VS*(0.09*P+0.04) ± ERROR
VS = 5.0 Vdc
TEMP = 0 to 85
°C
TYPICAL
MAX
MIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com