Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3306LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3C3306LE
Description  2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3306LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3C3306LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3306LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3306LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3306LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3306LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3306LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3C3306LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
01/11/11
PI3C3305/PI3C3306
2.5V/3.3V, High Bandwidth, Hot-Insertion,
2-Bit, 2-Port Bus Switch with Individual Enables
Test Circuits
Enable and Disable Timing
Switch Position
Propagation Delay
Pulse
Generator
VIN
VCC
VOUT
RT
6V
500Ω
500Ω
50pF
CL
Open
D.U.T.
Same Phase
Input Translation
Output
Opposite Phase
Input Transistion
3V
1.5V
0V
1.5V
1.5V
tPLH
tPHL
tPLH
tPHL
VOH
VOL
1.5V
3V
1.5V
0V
Enable
Disable
1.6V
Control
Input
Output
Normally
Low
Output
Normally
High
tPZL
tPZH
Switch
Switch
GND
3V
1.5V
1.5V
0V
tPLZ
tPZH
0.3V
0.3V
3V
1.5V
0V
3V
VOL
VOH
0V
1. Input Control Enable = Low Input Control Device = High
2. Pulse Generator total pulses
Rate ≤1.0 MHz; ZOUT≤50-Ohms; tR
tF,
≤2.5ns
Test
Switch
DisableLOW
6V
Enable LOW
6V
DisableHIGH
GND
Enable HIGH
GND
tPD
Open
Definitions:
CL = Load capacitance (includes jig and probe
capacitance)
RT = Termination resistance (should be equal to
ZOUT of the pulse generator)
11-0003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com