Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3306LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3C3306LE
Description  2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3306LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3C3306LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3306LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3306LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3306LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3306LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3306LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3C3306LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
01/11/11
PI3C3305/PI3C3306
2.5V/3.3V, High Bandwidth, Hot-Insertion,
2-Bit, 2-Port Bus Switch with Individual Enables
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND or VCC
260
500
µA
ΔICC
Supply Current per
Input HIGH
VCC = Max.
VIN =3.0V(3)
750
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevice.
2. TypicalvaluesareatVCC=3.3V,+25°Cambient.
3. Perdriveninput(controlinputonly);AandBpinsdonotcontributetoΔICC.
Notes:
1. See test circuit and waveforms.
2. ThisparameterisguaranteedbutnottestedonPropagationDelays.
3. ThebusswitchcontributesnopropagationaldelayotherthantheRCdelayoftheOn-Resistanceoftheswitchandtheloadcapacitance.Thetime
constantfortheswitchaloneisoftheorderof0.25nsfor50pFload.Sincethistimeconstantismuchsmallerthantherise/falltimesoftypical
driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined
by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Switching Characteristics over 2.5V Operating Range
Parameters
Description
Test Conditions(1)
3305/3306
Units
Com
Min.
Max.
tPLH
tPHL
PropagationDelay(2, 3) A to B, B to A
CL = 50pF
RL=500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
CL = 50pF
RL=500Ω
R=500Ω
1.5
9.8
tPHZ
tPLZ
BusDisableTime
1.5
8.3
Switching Characteristics over 3.3V Operating Range
Parameters
Description
Test Conditions(1)
3305/3306
Units
Com
Min.
Max.
tPLH
tPHL
PropagationDelay(2, 3) A to B, B to A
CL = 50pF
RL=500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
CL = 50pF
RL=500Ω
R=500Ω
1.5
6.5
tPHZ
tPLZ
BusDisableTime
1.5
5.5
Notes:
1. See test circuit and waveforms.
2. ThisparameterisguaranteedbutnottestedonPropagationDelays.
3. ThebusswitchcontributesnopropagationaldelayotherthantheRCdelayoftheOn-Resistanceoftheswitchandtheloadcapacitance.Thetime
constantfortheswitchaloneisoftheorderof0.25nsfor50pFload.Sincethistimeconstantismuchsmallerthantherise/falltimesoftypical
driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined
by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
11-0003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com