Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A100QEX Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI5A100QEX
Description  Precision, Wide-Bandwidth Quad SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A100QEX Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI5A100QEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
PS7012H
08/30/04
PI5A100
Precision, Wide-Bandwidth, Quad SPDT Analog Switch
Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for all CMOS
devices. Do not exceed the absolute maximum ratings, because
stresses beyond the listed ratings may cause permanent damage
to the devices. Always sequence V+ on first, followed by V-, and
then logic inputs. If power-supply sequencing is not possible, add
two small signal diodes or two current limiting resistors in series
with the supply pins for overvoltage protection (Figure 8).Adding
diodes reduces the analog signal range, but low switch resistance
and low leakage characteristics are unaffected.
RGB Switch
Figure 9 illustrates a simple low cost RGB switch. The RGB -
to-Composite Decoder produces either NTSC or S-VHS video
from an RGB source. Asingle PI5A100 selects one of the two
video sources to produce either SVHS, Composite or RGB video
outputs. The low insertion loss of the PI5A100 eliminates the need
for expensive input/output buffers.
Figure 8: Overvoltage protection is accomplished using two ex-
ternal blocking diodes or two current limiting resistors.
Figure 9: The single PI5A100 is used to select SVHS, VGA or Composite video outputs.
V+
Positive Supply
COM
NO
Vg
V-
Select
C
Composite
Connector
S-Video
Connector
Composite
RGB to
Composite
Encoder
SVGA
R-G-B
Sync
R
B
+5V
G
Sync
4
Y
PI5A100
H-Sync-0.3V
G or Composite 0.714V
R or Luma 0.7V
B or Chroma 0.28V
VGA
Connect or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com