Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A100QEX Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A100QEX
Description  Precision, Wide-Bandwidth Quad SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A100QEX Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A100QEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A100QEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PS7012H
08/30/04
PI5A100
Precision, Wide-Bandwidth, Quad SPDT Analog Switch
Absolute Maximum Ratings
Thermal Information
Continuous Power Dissipation
Narrow SOIC & QSOP
(derate 8.7mW/ºC above +70ºC) . . . . . . . . . . . . . . . . . 650mW
Storage Temperature . . . . . . . . . . . . . . . . . . . . -65ºC to +150ºC
Lead Temperature (soldering, 10s) . . . . . . . . . . . . . . . . +300ºC
Voltages Referenced to Gnd
VCC ........................................................................-0.5V to +7V
VIN, VCOM, VNC, VNO (1)..............................-0.5V to VCC +2V
..................................................or 30mA, whichever occurs first
Current (any terminal except COM, NO, NC).................. 30mA
Current, COM, NO, NC
(pulsed at 1ms, 10% duty cycle)..................................... 120mA
Notes:
1. Signals on NC, NO, COM, or IN exceeding VCC or GND are clamped by internal diodes. Limit forward diode current to 30mA.
2. Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
only rating and operation of the device at these or any other conditions beyond those indicated in the operational sections of this speci fication
is not implied.
Electrical Specifications - Single +5V Supply (VCC = +5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parameter
Symbol
TestConditions
Temp. Min.(1) Typ.(2) Max.(1) Units
Analog Switch
Analog Switch Range(1)
VANALOG
Full
0
VCC
V
On-Resistance
RON
VCC = 4.5V, ICOM = -30mA,
VNO or VNC = +2.5V
25
8
10
Ω
Full
12
On-Resistance Match Be-
tween Channels(6)
∆RON
25
0.8
2
Full
4
On-Resistance Flatness(5)
RFLAT(ON)
VCC = 5V, ICOM = -30mA,
VNO or VNC = +2.5V
25
2
3
Full
4
NO or NC OFF Leakage(6)
INO(OFF) or
INC(OFF)
VCC = 5.5C, ICOM = 0V,
VNO or VNC = 4.5V
25
0.07
Full
-80
80
nA
COM OFF Leakage
Current(6)
ICOM(OFF)
VCC = 5.5V, ICOM = 4.5V,
VNO or VNC = ± 4.5V
25
0.01
Full
-80
80
COM ON Leakage
Current(6)
ICOM(ON)
VCC = 5.5V, ICOM = 4.5V,
VNO or VNC = ± 4.5V
25
0.016
Full
-80
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com