Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT2245CTL Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74FCT2245CTL
Description  Fast CMOS Octal Bidirectional Transceivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT2245CTL Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74FCT2245CTL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT2245CTL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT2245CTL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT2245CTL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT2245CTL Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT2245CTL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT2245CTL Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PS2012E
08/08/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT245T
PI74FCT2245T(25 Ohm Series )
Octal BidirectionalTransceivers
Switching Characteristics over Operating Range
245T/2245T
245AT/2245AT 245CT/2245CT
245DT
Com.
Com.
Com.
Com.
Parameters Description
Conditions(1)
Min.
Max.
Min.
Max.
Min.
Max.
Min
Max. Unit
tPLH
Propagation Delay
CL = 50 pF
1.5(1)
7.0
1.5(1)
4.6
1.5(1)
4.1
1.5(1)
3.8
ns
tPHL
A to B, B to A
RL=500-ohm
tPZH
Output Enable Time(2)
1.5
9.0
1.5
6.2
1.5
5.8
1.5
5.0
ns
tPZL
OE to A or B
tPHZ
Output Disable Time(2)
1.5
7.5
1.5
5.0
1.5
4.8
1.5
4.3
ns
tPLZ
OE to A or B
tPZH
Output Enable Time(2)
1.5
9.0
1.5
6.2
1.5
5.8
1.5
5.0
ns
tPZL
T/R to A or B
tPHZ
Output Disable Time(2)
1.5
7.5
1.5
5.0
1.5
4.8
1.5
4.3
ns
tPLZ
T/R to A or B
Notes:
1. Minimum limits are guaranteed but not tested on Propagation Delays.
2. This parameter is guaranteed but not production tested.
Packaging Mechanical: 20-pin SOIC (S)
SEATING
PLANE
.050
BSC
1
20
0-8˚
.2914
.2992
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
7.40
7.60
.496
.511
12.60
12.99
1.27
.0926
.1043
2.35
2.65
.394
.419
10.00
10.65
.0040
.0118
0.10
0.30
.013
.020
0.33
0.51
.010
.029
0.254
0.737
.0091
.0125
0.23
0.32
0.41
1.27
.016
.050
x 45˚
.020
.030
0.508
0.762
REF
06-0207



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com