Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT2245CTL Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74FCT2245CTL
Description  Fast CMOS Octal Bidirectional Transceivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT2245CTL Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74FCT2245CTL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT2245CTL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT2245CTL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT2245CTL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT2245CTL Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT2245CTL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT2245CTL Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS2012E
08/08/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT245T
PI74FCT2245T(25 Ohm Series )
Octal BidirectionalTransceivers
Storage Temperature .................................................................... –65°Cto+150°C
Ambient Temperature with Power Applied .................................... –40°Cto+85°C
Supply Voltage to Ground Potential (Inputs & VCC Only) ............. –0.5Vto+7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ........... –0.5Vto+7.0V
DC Input Voltage ............................................................................ –0.5Vto+7.0V
DC Output Current ...................................................................................... 120mA
Power Dissipation ..........................................................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5.0V ±5%)
Parameters Description
Test Conditions(1)
Min. Typ(2) Max.
Units
VOH
Output HIGH Voltage
VCC = Min., VIN = VIH or VIL
IOH =–15.0mA
2.4
3.0
V
VOL
Output LOW Current
VCC = Min., VIN = VIH or VIL
IOL = 64mA
0.3
0.55
V
VOL
Output LOW Current
VCC = Min., VIN = VIH or VIL
IOL = 12mA (25
Ω Series)
0.3
0.50
V
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
(Except I/O pins) VCC = Max.
VIN=VCC
1
μA
IIL
Input LOW Current
(Except I/O pins) VCC = Max.
VIN=GND
–1
μA
IIH
Input HIGH Current
(I/O pins Only) VCC = Max.
VIN=VCC
1
μA
IIL
Input LOW Current
(I/O pins Only) VCC = Max.
VIN=GND
–1
μA
IOZH
High Impedance
VCC = MAX.VOUT =2.7V
1
μA
IOZL
Output Current
VOUT=0.5V
–1
μA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IOFF
Power Down Disable
VCC=GND,VOUT=4.5V
100
μA
IOS
Short Circuit Current
VCC= Max.(3), VOUT = GND
–60
–120
mA
VH
Input Hysteresis
200
mV
Capacitance (TA = 25°C, f = 1 MHz)
Parameters
(1)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN=0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
Notes:
1. These Parameters are determined by device characterization but are not production tested.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
06-0207



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com