Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3245LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3C3245LE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3245LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3C3245LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3245LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3245LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3245LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3245LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8162D
05/09/06
PI3C3245
2.5V/3.3V, High Bandwidth, Hot Insertion
8-Bit, 2-Port, Bus Switch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
VCC
NC
1
20
BE
A0
2
19
B0
A1
3
18
B1
A2
4
17
B2
A3
5
16
B3
A4
6
15
B4
A5
7
14
B5
A6
8
13
B6
A7
9
12
B7
GND
10
11
Description
Pericom Semiconductor’s PI3C3245 is a 2.5 volt or 3.3 volt 8-bit,
2-port bus switch designed with a low On-Resistance (5-ohm)
allowing inputs to be connected directly to outputs. The bus switch
creates no additional propagational delay or additional ground
bounce noise. The switches are turned ON by the Bus Enable (BE)
input signal. It is very useful in switching signals that have high
bandwidth (>400 MHz).
Function
BE
A0–7
Disconnect
H
Hi-Z
Connect
L
B0–7
Truth Table(1)
Note:
1. H
= High Voltage Level
L
= Low Voltage Level
Hi-Z = High Impedance
Block Diagram
Pin Description
Pin Name
Description
BE
Bus Enable Input (Active LOW)
A0–7
Bus A
B0–7
Bus B
GND
Ground
VCC
Power
PinConfiguration
Features
• Near-Zero propagation delay
• 5-ohm switches connect inputs to outputs
• High Bandwidth Operation (>400 MHz)
• Permits Hot Insertion
• 5V I/O Tolerant
• Rail-to-Rail3.3Vor2.5VSwitching
• 2.5V Supply Voltage Operation
• Packaging (Pb-free & Green available):
– 20-pin 150 mil wide plastic QSOP (Q)
– 20-pin 173 mil wide plastic TSSOP (L)
BE
A7
A0
B7
B0
06-0244


Similar Part No. - PI3C3245LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3245L PERICOM-PI3C3245L Datasheet
190Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results

Similar Description - PI3C3245LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245 Datasheet
218Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C32X245 PERICOM-PI3C32X245_11 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C32X384 PERICOM-PI3C32X384 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245_11 Datasheet
616Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com