Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTT16P60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTT16P60P
Description  Preliminary Technical Information PolarPTM Power MOSFET P-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT16P60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTT16P60P Datasheet HTML 1Page - IXYS Corporation IXTT16P60P Datasheet HTML 2Page - IXYS Corporation IXTT16P60P Datasheet HTML 3Page - IXYS Corporation IXTT16P60P Datasheet HTML 4Page - IXYS Corporation IXTT16P60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
- 600
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
- 600
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
- 16
A
I
DM
T
C = 25°C, pulse width limited by TJM
- 48
A
I
AR
T
C = 25°C
- 16
A
E
AS
T
C = 25°C
2.5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
460
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
M
d
Mounting torque
(TO-247)
1.13 / 10
Nm/lb.in.
Weight
TO-268
5
g
TO-247
6
g
DS99988(5/08)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250μA
- 600
V
V
GS(th)
V
DS = VGS, ID = - 250μA
- 2.5
- 4.5
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS
- 25
μA
V
GS = 0V
T
J = 125°C
- 200
μA
R
DS(on)
V
GS = -10V, ID = 0.5 • ID25, Note 1
720 m
Ω
PolarPTM
Power MOSFET
P-Channel Enhancement Mode
Avalanche Rated
IXTH16P60P
IXTT16P60P
V
DSS
= - 600V
I
D25
= - 16A
R
DS(on) ≤
≤≤≤≤
720m
Ω
Ω
Ω
Ω
Ω
Preliminary Technical Information
Features:
International standard packages
Avalanche Rated
Rugged PolarPTM process
Low package inductance
- easy to drive and to protect
Applications:
High side switching
Push-pull amplifiers
DC Choppers
Current regulators
Automatic test equipment
Advantages:
Low gate charge results in simple
drive requirement
High power density
Fast switching
Easy to parallel
G = Gate
D
= Drain
S = Source
TAB = Drain
TO-247 (IXTH)
G
D
S
D (TAB)
TO-268 (IXTT)
G
S
D (TAB)


Similar Part No. - IXTT16P60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTT16N10D2 IXYS-IXTT16N10D2 Datasheet
178Kb / 5P
Depletion Mode MOSFET
IXTT16N10D2 IXYS-IXTT16N10D2 Datasheet
201Kb / 6P
N-Channel MOSFET
logo
Inchange Semiconductor ...
IXTT16N10D2 ISC-IXTT16N10D2 Datasheet
374Kb / 2P
Depletion Mode MOSFET
logo
IXYS Corporation
IXTT16N10D2 IXYS-IXTT16N10D2_17 Datasheet
201Kb / 6P
N-Channel MOSFET
IXTT16N20D2 IXYS-IXTT16N20D2 Datasheet
178Kb / 6P
Depletion Mode MOSFET
More results

Similar Description - IXTT16P60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA76N075T IXYS-IXTA76N075T Datasheet
182Kb / 5P
Preliminary Technical Information N-Channel Enhancement Mode Avalanche Rated
IXTA152N085T IXYS-IXTA152N085T Datasheet
220Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA220N055T IXYS-IXTA220N055T Datasheet
220Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTH160N10T IXYS-IXTH160N10T Datasheet
192Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA100N04T2 IXYS-IXTA100N04T2 Datasheet
209Kb / 6P
Preliminary Technical Information TrenchT2TM Power MOSFET
IXTA160N075T IXYS-IXTA160N075T Datasheet
179Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA76N25T IXYS-IXTA76N25T Datasheet
213Kb / 6P
Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
IXTA90N15T IXYS-IXTA90N15T Datasheet
198Kb / 6P
Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
IXTA260N055T2-7 IXYS-IXTA260N055T2-7 Datasheet
140Kb / 6P
Preliminary Technical Information TrenchT2TM Power MOSFET N-Channel Enhancement Mode
IXTA6N100D2 IXYS-IXTA6N100D2 Datasheet
190Kb / 5P
Preliminary Technical Information Depletion Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com