Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF512UDI Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AF512UDI
Description  ATP Industrial Grade microSD Card Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF512UDI Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AF512UDI Datasheet HTML 17Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 18Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 19Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 20Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 21Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 22Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 23Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 24Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
Revision 3.3
ATP Industrial Grade microSD Card Specification
Figure 3-3: Timing diagram data input/output referenced to clock (High-Speed)
Parameter
Symbol
Min
Max
Unit
Remark
Clock CLK (All values are referred to min (VIH) and max (VIL)
Clock
frequency
Data
Transfer Mode
fPP
0
50
MHz
CL <= 10 pF(1 card)
Clock low time
tWL
7
-
ns
CL <= 10 pF(1 card)
Clock high time
tWH
7
-
ns
CL <= 10 pF(1 card)
Clock rise time
tTLH
-
3
ns
CL <= 10 pF(1 card)
Clock fall time
tTHL
-
3
ns
CL <= 10 pF(1 card)
Inputs CMD, DAT (referenced to CLK)
Input set-up time
tISU
6
-
ns
CL <= 10 pF(1 card)
Input hold time
tIH
2
-
ns
CL <= 10 pF(1 card)
Outputs CMD, DAT (referenced to CLK)
Output Delay time during
Data Transfer Mode
tODLY
-
14
ns
CL <= 40 pF(1 card)
Table 3-3: Bus Timing - Parameters Values (High-Speed)
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
21
ATP Confidential & Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com