Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF512UDI Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AF512UDI
Description  ATP Industrial Grade microSD Card Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF512UDI Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AF512UDI Datasheet HTML 5Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 6Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 7Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 8Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 9Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 10Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 11Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 12Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
Revision 3.3
ATP Industrial Grade microSD Card Specification
2.3 Data Retention
512MB/4GB
Endurance Used
Number of P/E Cycles Used
(block level)
Corresponding Data Retention at
25C use condition
10% P/E cycles
6,000 Cycles
10 years
100% P/E cycles
60,000 Cycles
1 year
1GB/2GB
Endurance Used
Number of P/E Cycles Used
(block level)
Corresponding Data Retention at
25C use condition
10% P/E cycles
10,000 Cycles
10 years
100% P/E cycles
100,000 Cycles
1 year
Table 2-3: Data Retention
Note 1: Data retention refers to the ability of a memory bit to retain its data state over a period of time after the
data is written in NAND Flash regardless of whether the part is powered on or powered off.
A data retention failure is when there is at least 1 bit of data that cannot be read or is read incorrectly.
Note 2: NAND Flash suppliers refer to JEDEC JESD47 & JESD22 for Data Retention testing.
Based on the information provided by NAND Flash suppliers, ATP targets Data Retention as above table for
reference.
2.4 Performance
Model P/N
Seq. Read
(KB/s)
Seq. Write
(KB/s)
Random Read
(KB/s)
Random Write
(KB/s)
AF512UDI-5ACXX
19579
14998
17855
5078
AF1GUDI-5ACXX
18858
17017
17123
5393
AF2GUDI-5ACXX
18858
16377
17009
5956
AF4GUDI-5ABXX
20469
18720
18196
6081
Note: Tested by HDBench 3.40 beta 6 with 40MB file size. The performance may vary depending on the configuration,
firmware, setting, application and test environment.
Table 2-4: Performance
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
9
ATP Confidential & Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com