Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIE-RTV24 Datasheet(PDF) 1 Page - Analog Devices

Part # PCIE-RTV24
Description  4-CH PCI Express짰 / PCI Real-time Video Capture Cards for Standard Cameras
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

PCIE-RTV24 Datasheet(HTML) 1 Page - Analog Devices

  PCIE-RTV24 Datasheet HTML 1Page - Analog Devices PCIE-RTV24 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Analog
4-CH PCI Express® / PCI Real-time Video Capture Cards for Standard Cameras
PCIe-RTV24 / PCI-RTV24
Features
PCI Express® x1 compliant (PCIe-RTV24) , up to 120 fps
Four color video digitizers operating in parallel
Color (PAL / NTSC), monochrome (CCIR / EIA) camera
supported
Up to 16 channels extension
On-board TTL I/O lines
Built-in watchdog timer
User-friendly ViewCreator utility
Software trigger supported
■OS Information
• Windows® 8/7/XP
• Linux
■Software Compatibility
• Microsoft® DirectX
• C#/.NET/VC++/VB/C++ Builder/Delphi
• Sample program included
■ Software Recommendations
• ADLINK ViewCreatorProTM
Software Support
PC-based surveillance systems
Digital Video Recorder (DVR)
Factory monitoring systems
Machine vision inspection systems
Scientific research instrumentations
Medical research instrumentations
Applications
Ordering Information
■ PCIe-RTV24
PCI Express® 4-CH real-time video capture card for
standard cameras
■ PCI-RTV24
PCI 4-CH real-time video capture card for standard cameras
Introduction
General
The PCIe-RTV24/PCI-RTV24 acquisition board are designed without compromise for machine vision and
video surveillance applications. They are the ideal devices for PC-based multiple-channel vision application.
The PCIe-RTV24 PCI Express® x1 lane frame grabber can capture simultaneously four analog video streams in
real time. It accepts standard composite colors (PAL, NTSC) or monochrome video formats (CCIR, EIA).
The supported resolution is programmable and includes square-pixel (640 x 480 or 768 x 576) and broadcast
resolution. Before captured images are transferred to the PC's memory, images can be scaled down using available
selectable ratios.
Arbitrary cropping to regions of interest is possible. The PCIe-RTV24 generates bitmaps in all popular color
formats such as RGB, YUV, planar, or packed.
System integrators also benefit from a watchdog for fault-tolerant applications and easy-to-use standard
connectors.
Image Acquisition
Frame Rate: 30 full-frame images acquired per second for each channel (at RGB16 mode)
Color Image: Color video format is compatible with the following composite video input formats:
NTSC-M, NTSC-Japan, PCL-B, PALD, PAL-G, PAL-H, PAL-I, PAM-M, PAL-N and SECAM
Monochrome Image: The monochrome video acquisition is compatible with CCIR and EIA (RS-170).
Optional Scaling: The acquire images or portions of images can be optionally scaled:
• Acquisition of a programmable area of interest
• Scaling of the image (down to 1:16)
• Adjustment of hue (for NTSC signals), contrast (0 to 200%), brightness and saturation (0 to 200%
for U and V signals)
• Automatic chrominance gain control
RTV-E4 Extension Board (Optional)
Expandable up to 16 channels (3.5 fps/channel at 16 channel inputs)
10-pin ribbon cable to onboard 10-pin header connector for channel extension.
Each header adds 4 video input channels.
Three 10-pin header connectors onboard.
I/O Lines
The PCIe-RTV24/PCI-RTV24 is fitted with TTL compatible I/O lines, supporting 4 inputs, 4 outputs and 4 soft
trigger lines with protection against overloads and electrostatic discharges.
Every line maybe configured as an input or output or can be used to trigger an acquisition or report an alarm
condition.
RTV-I4 Isolated GPIO Board (Optional)
General Purpose I/O Lines :
• All I/Os are TTL compatible and support 4 inputs, 4 outputs, and 4 soft trigger lines.
• Two on-board 10-pin header connectors.
• The I/O lines are pulled high internally and have the following characteristics:
Watchdog
A hardware watchdog is available on the PCIe-RTV24/PCI-RTV24. The watchdog is able to monitor the
PC's application operation and will automatically reset the PC after a programmable inactivity time-out. This
ensures a reliable operation of remote systems.
Voltage
Min
.
Max.
Input High Voltage (20 μA)
2.0 V
5.25 V
Input Low Voltage (-0.2 μA)
0.0 V
0.80 V
Output High Voltage (-1.0 mA)
5.0 V
--
Output Low Voltage (100 mA)
--
0.50 V
PCIe-RTV24
Grayscale Camera Color Camera
Analog
PCI-RTV24
Updated January 29, 2013. ©2013 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.


Similar Part No. - PCIE-RTV24

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
PCIE-RTV24 ADLINK-PCIE-RTV24 Datasheet
486Kb / 1P
4-CH PCI Express / PCI Real-time Video Capture Cards for Standard Cameras
More results

Similar Description - PCIE-RTV24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT848 ETC-BT848 Datasheet
1Mb / 141P
Single-Chip Video Capture for PCI
logo
Advantech Co., Ltd.
PV-1000E ADVANTECH-PV-1000E Datasheet
206Kb / 1P
16-ch Real-Time MPEG-4 Video Capture Card with PowerView
PV-2000E ADVANTECH-PV-2000E Datasheet
533Kb / 1P
4-ch Real-Time H.264 Video Capture Card with PowerView
logo
List of Unclassifed Man...
HDV62A ETC1-HDV62A Datasheet
422Kb / 2P
One Channel PCI Express짰/PXI Express짰 HDMI Video & Audio Capture Cards
logo
Advantech Co., Ltd.
DVP-7030E ADVANTECH-DVP-7030E Datasheet
675Kb / 2P
4-ch H.264/MPEG-4 PCI Video Capture Card with SDK
DVP-7631E ADVANTECH-DVP-7631E Datasheet
785Kb / 2P
4-ch H.264 PCI-104 Video Capture Module with SDK
DVP-7633E ADVANTECH-DVP-7633E Datasheet
907Kb / 2P
4-ch H.264 mini-PCI Video Capture Module with SDK
DVP-7635E ADVANTECH-DVP-7635E Datasheet
685Kb / 2P
4-ch H.264 PCI Video Capture Card with SDK
logo
Adlink Technology Inc.
PCIE-HDV62A ADLINK-PCIE-HDV62A Datasheet
367Kb / 1P
One Channel PCI Express짰/PXI Express짰 HDMI Video & Audio Capture Cards
PCIE-RTV24 ADLINK-PCIE-RTV24 Datasheet
486Kb / 1P
4-CH PCI Express / PCI Real-time Video Capture Cards for Standard Cameras
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com