Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KASMC10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 3KASMC10
Description  Surface Mount PAR® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3KASMC10 Datasheet(HTML) 2 Page - Vishay Siliconix

  3KASMC10 Datasheet HTML 1Page - Vishay Siliconix 3KASMC10 Datasheet HTML 2Page - Vishay Siliconix 3KASMC10 Datasheet HTML 3Page - Vishay Siliconix 3KASMC10 Datasheet HTML 4Page - Vishay Siliconix 3KASMC10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3KASMC10 thru 3KASMC43A
www.vishay.com
Vishay General Semiconductor
Revision: 14-Dec-12
2
Document Number: 88480
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR (μA)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA)
TJ = 150 °C
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A) (2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
MIN.
MAX.
3KASMC10
3AW
11.1
13.6
1.0
10
5.0
50
160
18.8
3KASMC10A
3AX
11.1
12.3
1.0
10
5.0
50
177
17.0
3KASMC11
3AY
12.2
14.9
1.0
11
5.0
50
149
20.1
3KASMC11A
3AZ
12.2
13.5
1.0
11
5.0
50
165
18.2
3KASMC12
3BD
13.3
16.3
1.0
12
2.0
20
136
22.0
3KASMC12A
3BE
13.3
14.7
1.0
12
2.0
20
151
19.9
3KASMC13
3BF
14.4
17.6
1.0
13
2.0
20
126
23.8
3KASMC13A
3BG
14.4
15.9
1.0
13
2.0
20
140
21.5
3KASMC14
3BH
15.6
19.1
1.0
14
1.0
10
116
25.8
3KASMC14A
3BK
15.6
17.2
1.0
14
1.0
10
129
23.2
3KASMC15
3BL
16.7
20.4
1.0
15
1.0
10
112
26.9
3KASMC15A
3BM
16.7
18.5
1.0
15
1.0
10
123
24.4
3KASMC16
3BN
17.8
21.8
1.0
16
1.0
10
104
28.8
3KASMC16A
3BP
17.8
19.7
1.0
16
1.0
10
115
26.0
3KASMC17
3BQ
18.9
23.1
1.0
17
1.0
10
98.4
30.5
3KASMC17A
3BR
18.9
20.9
1.0
17
1.0
10
109
27.6
3KASMC18
3BS
20.0
24.4
1.0
18
1.0
10
93.2
32.2
3KASMC18A
3BT
20.0
22.1
1.0
18
1.0
10
103
29.2
3KASMC20
3BU
22.2
27.1
1.0
20
1.0
10
83.8
35.8
3KASMC20A
3BV
22.2
24.5
1.0
20
1.0
10
92.6
32.4
3KASMC22
3BW
24.4
29.8
1.0
22
1.0
10
76.1
39.4
3KASMC22A
3BX
24.4
26.9
1.0
22
1.0
10
84.5
35.5
3KASMC24
3BY
26.7
32.6
1.0
24
1.0
10
69.8
43.0
3KASMC24A
3BZ
26.7
29.5
1.0
24
1.0
10
77.1
38.9
3KASMC26
3CD
28.9
35.3
1.0
26
1.0
10
64.4
46.6
3KASMC26A
3CE
28.9
31.9
1.0
26
1.0
10
71.3
42.1
3KASMC28
3CF
31.1
38.0
1.0
28
1.0
10
60.0
50.0
3KASMC28A
3CG
31.1
34.4
1.0
28
1.0
10
66.1
45.4
3KASMC30
3CH
33.3
40.7
1.0
30
1.0
15
56.1
53.5
3KASMC30A
3CK
33.3
36.8
1.0
30
1.0
15
62.0
48.4
3KASMC33
3CL
36.7
44.9
1.0
33
1.0
15
50.8
59.0
3KASMC33A
3CM
36.7
40.6
1.0
33
1.0
15
56.3
53.3
3KASMC36
3CN
40.0
48.9
1.0
36
1.0
20
46.7
64.3
3KASMC36A
3CP
40.0
44.2
1.0
36
1.0
20
51.6
58.1
3KASMC40
3CQ
44.4
54.3
1.0
40
1.0
20
42.0
71.4
3KASMC40A
3CR
44.4
49.1
1.0
40
1.0
20
46.5
64.5
3KASMC43
3CS
47.8
58.4
1.0
43
1.0
20
39.1
76.7
3KASMC43A
3CT
47.8
52.8
1.0
43
1.0
20
43.2
69.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com