Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KASMC10 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 3KASMC10
Description  Surface Mount PAR® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3KASMC10 Datasheet(HTML) 3 Page - Vishay Siliconix

  3KASMC10 Datasheet HTML 1Page - Vishay Siliconix 3KASMC10 Datasheet HTML 2Page - Vishay Siliconix 3KASMC10 Datasheet HTML 3Page - Vishay Siliconix 3KASMC10 Datasheet HTML 4Page - Vishay Siliconix 3KASMC10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3KASMC10 thru 3KASMC43A
www.vishay.com
Vishay General Semiconductor
Revision: 14-Dec-12
3
Document Number: 88480
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Mounted on minimum recommended pad layout
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature
Fig. 3 - Pulse Waveform
Fig. 4 - Typical Junction Capacitance
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient air (1)
RJA
77.5
°C/ W
Typical thermal resistance, junction to leads
RJL
18.3
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
3KASMC10AHE3/57T (1)
0.211
57T
850
7" diameter plastic tape and reel
3KASMC10AHE3/9AT (1)
0.211
9AT
3500
13" diameter plastic tape and reel
3KASMC10A_A/H (1)
0.211
H
850
7" diameter plastic tape and reel
3KASMC10A_A/I (1)
0.211
I
3500
13" diameter plastic tape and reel
0.1
1
10
100
0.1
1
10
100
1000
10 000
td - Pulse Width (µs)
0
25
50
75
100
0
50
100
150
200
TJ - Initial Temperature (°C)
0
50
100
150
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
t
d
10/1000 µs Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t - Time (ms)
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
100
1000
10 000
10
20
30
40
50
VWM - Reverse Stand-off Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Measured at
Zero Bias
Measured at
Stand-Off Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com