Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX562IYST Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSX562IYST
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX562IYST Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSX562IYST Datasheet HTML 6Page - STMicroelectronics TSX562IYST Datasheet HTML 7Page - STMicroelectronics TSX562IYST Datasheet HTML 8Page - STMicroelectronics TSX562IYST Datasheet HTML 9Page - STMicroelectronics TSX562IYST Datasheet HTML 10Page - STMicroelectronics TSX562IYST Datasheet HTML 11Page - STMicroelectronics TSX562IYST Datasheet HTML 12Page - STMicroelectronics TSX562IYST Datasheet HTML 13Page - STMicroelectronics TSX562IYST Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Electrical characteristics
TSX56x, TSX56xA
10/27
DocID023274 Rev 3
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
750
900
kHz
Fu
Unity gain frequency
750
Φm
Phase margin
55
Degree
Gm
Gain margin
9
dB
SR
Slew rate
RL = 10 kΩ, CL = 100 pF,
Vout = 0.5 V to VCC - 0.5 V
1.1
V/
μs
∫ en
Low-frequency peak-to-peak
input noise
Bandwidth: f = 0.1 to 10 Hz
15
µVpp
en
Equivalent input noise voltage
density
f = 1 kHz
f = 10 kHz
48
27
THD+N
Total harmonic distortion +
noise
Follower configuration, fin = 1 kHz,
RL = 100 kΩ, Vicm = (VCC - 1.5 V)/2,
BW = 22 kHz, Vout = 5 Vpp
0.0005
%
1. See Section 4.3: Input offset voltage drift over temperature on page 15.
2. Typical value is based on the Vio drift observed after 1000h at 125 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration.
3. Guaranteed by design.
Table 6. Electrical characteristics at VCC+ = +16 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 °C, and
RL = 10 kΩ connected to VCC/2 (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com