Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX562IYST Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSX562IYST
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX562IYST Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSX562IYST Datasheet HTML 12Page - STMicroelectronics TSX562IYST Datasheet HTML 13Page - STMicroelectronics TSX562IYST Datasheet HTML 14Page - STMicroelectronics TSX562IYST Datasheet HTML 15Page - STMicroelectronics TSX562IYST Datasheet HTML 16Page - STMicroelectronics TSX562IYST Datasheet HTML 17Page - STMicroelectronics TSX562IYST Datasheet HTML 18Page - STMicroelectronics TSX562IYST Datasheet HTML 19Page - STMicroelectronics TSX562IYST Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Application information
TSX56x, TSX56xA
16/27
DocID023274 Rev 3
4.4
Long term input offset voltage drift
To evaluate product reliability, two types of stress acceleration are used:
•
Voltage acceleration, by changing the applied voltage
•
Temperature acceleration, by changing the die temperature (below the maximum
junction temperature allowed by the technology) with the ambient temperature.
The voltage acceleration has been defined based on JEDEC results, and is defined using
Equation 2.
Equation 2
Where:
AFV is the voltage acceleration factor
β is the voltage acceleration constant in 1/V, constant technology parameter (β = 1)
VS is the stress voltage used for the accelerated test
VU is the voltage used for the application
The temperature acceleration is driven by the Arrhenius model, and is defined in Equation 3.
Equation 3
Where:
AFT is the temperature acceleration factor
Ea is the activation energy of the technology based on the failure rate
k is the Boltzmann constant (8.6173 x 10-5 eV.K-1)
TU is the temperature of the die when VU is used (K)
TS is the temperature of the die under temperature stress (K)
The final acceleration factor, AF, is the multiplication of the voltage acceleration factor and
the temperature acceleration factor (Equation 4).
Equation 4
AF is calculated using the temperature and voltage defined in the mission profile of the
product. The AF value can then be used in Equation 5 to calculate the number of months of
use equivalent to 1000 hours of reliable stress duration.
AFV
e
β
VS VU
–
()
⋅
=
AFT
e
Ea
k
------
1
TU
------
1
TS
------
–
⎝⎠
⎛⎞
⋅
=
AF
AFT AFV
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com