Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F051R4 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32F051R4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051R4 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32F051R4 Datasheet HTML 96Page - STMicroelectronics STM32F051R4 Datasheet HTML 97Page - STMicroelectronics STM32F051R4 Datasheet HTML 98Page - STMicroelectronics STM32F051R4 Datasheet HTML 99Page - STMicroelectronics STM32F051R4 Datasheet HTML 100Page - STMicroelectronics STM32F051R4 Datasheet HTML 101Page - STMicroelectronics STM32F051R4 Datasheet HTML 102Page - STMicroelectronics STM32F051R4 Datasheet HTML 103Page - STMicroelectronics STM32F051R4 Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
STM32F051x
Revision history
Doc ID 022265 Rev 3
103/105
9
Revision history
Table 74.
Document revision history
Date
Revision
Changes
05-Apr-2012
1
Initial release
25-Apr-2012
2
Updated Table 2: STM32F051x family device features and
peripheral counts for 1 SPI and 1 I2C in 32-pin package
Corrected Group 3 pin order in Table 5: Capacitive sensing
GPIOs available on STM32F051x devices.
Updated current consumptionTable 25 to Table 29.
Updated Table 39: HSI14 oscillator characteristics
23-Jul-2012
3
Features reorganized and Section 3: Functional overview
structure changed.
Added LQFP32 package.
Updated Section 3.4: Cyclic redundancy check calculation
unit (CRC).
Modified number of priority levels in Section 3.9.1: Nested
vectored interrupt controller (NVIC).
Added note 3. for PB2 and PB8, changed TIM2_CH_ETR into
TIM2_CH1_ETR in Table 13: Pin definitions and Table 14:
Alternate functions selected through GPIOA_AFR registers
for port A. Added Table 15: Alternate functions selected
through GPIOA_AFR registers for port B.
Updated IVDD, IVSS, and IINJ(PIN) in Table 18: Current
characteristics .
Updated ACCHSI in Table 38: HSI oscillator characteristics
and Table 39: HSI14 oscillator characteristics.
Updated Table 49: I/O current injection susceptibility.
Added BOOT0 input low and high level voltage in Table 50:
I/O static characteristics.
Modified number of pins in VOL and VOH description, and
changed condition for VOLFM+ in Table 51: Output voltage
characteristics.
Changed VDD to VDDA in Figure 23: Typical connection
diagram using the ADC.
Updated Ts_temp in Table 59: TS characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com