Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F051R4 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32F051R4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051R4 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32F051R4 Datasheet HTML 45Page - STMicroelectronics STM32F051R4 Datasheet HTML 46Page - STMicroelectronics STM32F051R4 Datasheet HTML 47Page - STMicroelectronics STM32F051R4 Datasheet HTML 48Page - STMicroelectronics STM32F051R4 Datasheet HTML 49Page - STMicroelectronics STM32F051R4 Datasheet HTML 50Page - STMicroelectronics STM32F051R4 Datasheet HTML 51Page - STMicroelectronics STM32F051R4 Datasheet HTML 52Page - STMicroelectronics STM32F051R4 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
Electrical characteristics
STM32F051x
50/105
Doc ID 022265 Rev 3
Table 28.
Typical and maximum VDDA consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD = VDDA)Max
(1)
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDDA
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
1.85
2
2.15
2.3
2.45
2.6
3.5
3.5
4.5
µA
Regulator in low-power
mode, all oscillators
OFF
1.85
2
2.15
2.3
2.45
2.6
3.5
3.5
4.5
Supply
current in
Standby
mode
LSI ON and IWDG ON
2.25
2.5
2.65 2.85 3.05
3.3
-
-
-
LSI OFF and IWDG
OFF
1.75
1.9
2
2.15
2.3
2.5
3.5
3.5
4.5
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
1.11 1.15 1.18 1.22 1.27 1.35
-
-
-
Regulator in low-power
mode, all oscillators
OFF
1.11 1.15 1.18 1.22 1.27 1.35
-
-
-
Supply
current in
Standby
mode
LSI ON and IWDG ON
1.5
1.58 1.65 1.78 1.91 2.04
-
-
-
LSI OFF and IWDG
OFF
1
1.02 1.05 1.05 1.15 1.22
-
-
-
1.
Data based on characterization results, not tested in production.
Table 29.
Typical and maximum current consumption from VBAT supply
Symbol
Parameter
Conditions
Typ @ VBAT
Max(1)
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_VBAT
Backup
domain
supply
current
LSE & RTC ON; "Xtal
mode": lower driving
capability;
LSEDRV[1:0] = '00'
0.41 0.43 0.53 0.58 0.71 0.80
0.85
1.1
1.5
µA
LSE & RTC ON; "Xtal
mode" higher driving
capability;
LSEDRV[1:0] = '11'
0.71 0.75 0.85 0.91 1.06 1.16
1.25
1.55
2
1.
Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com