Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F051R4 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32F051R4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051R4 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32F051R4 Datasheet HTML 20Page - STMicroelectronics STM32F051R4 Datasheet HTML 21Page - STMicroelectronics STM32F051R4 Datasheet HTML 22Page - STMicroelectronics STM32F051R4 Datasheet HTML 23Page - STMicroelectronics STM32F051R4 Datasheet HTML 24Page - STMicroelectronics STM32F051R4 Datasheet HTML 25Page - STMicroelectronics STM32F051R4 Datasheet HTML 26Page - STMicroelectronics STM32F051R4 Datasheet HTML 27Page - STMicroelectronics STM32F051R4 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
Functional overview
STM32F051x
24/105
Doc ID 022265 Rev 3
3.17
Universal synchronous/asynchronous receiver transmitters
(USART)
The device embeds up to two universal synchronous/asynchronous receiver transmitters
(USART1 and USART2), which communicate at speeds of up to 6 Mbit/s.
They provide hardware management of the CTS, RTS and RS485 DE signals,
multiprocessor communication mode, master synchronous communication and single-wire
half-duplex communication mode. The USART1 supports also SmartCard communication
(ISO 7816), IrDA SIR ENDEC, LIN Master/Slave capability, auto baud rate feature and has a
clock domain independent from the CPU clock, allowing the USART1 to wake up the MCU
from Stop mode.
The USART interfaces can be served by the DMA controller.
Refer to Table 10 for the differences between USART1 and USART2.
3.18
Serial peripheral interface (SPI)/Inter-integrated sound
interfaces (I2S)
Up to two SPIs are able to communicate up to 18 Mbits/s in slave and master modes in full-
duplex and simplex communication modes. The 3-bit prescaler gives 8 master mode
frequencies and the frame size is configurable from 4 bits to 16 bits.
One standard I2S interface (multiplexed with SPI1) supporting four different audio standards
can operate as master or slave at simplex communication mode. It can be configured to
transfer 16 and 24 or 32 bits with16-bit or 32-bit data resolution and synchronized by a
specific signal. Audio sampling frequency from 8 kHz up to 192 kHz can be set by 8-bit
Table 10.
STM32F051x USART implementation
USART modes/features(1)
1.
X = supported.
USART1
USART2
Hardware flow control for modem
X
X
Continuous communication using DMA
X
X
Multiprocessor communication
X
X
Synchronous mode
X
X
Smartcard mode
X
Single-wire half-duplex communication
X
X
IrDA SIR ENDEC block
X
LIN mode
X
Dual clock domain and wakeup from Stop mode
X
Receiver timeout interrupt
X
Modbus communication
X
Auto baud rate detection
X
Driver Enable
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com