Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP10N65K3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP10N65K3
Description  N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10N65K3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP10N65K3 Datasheet HTML 3Page - STMicroelectronics STP10N65K3 Datasheet HTML 4Page - STMicroelectronics STP10N65K3 Datasheet HTML 5Page - STMicroelectronics STP10N65K3 Datasheet HTML 6Page - STMicroelectronics STP10N65K3 Datasheet HTML 7Page - STMicroelectronics STP10N65K3 Datasheet HTML 8Page - STMicroelectronics STP10N65K3 Datasheet HTML 9Page - STMicroelectronics STP10N65K3 Datasheet HTML 10Page - STMicroelectronics STP10N65K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STF10N65K3, STFI10N65K3, STP10N65K3
Electrical characteristics
Doc ID 15732 Rev 3
7/17
Figure 8.
Normalized BVDSS vs temperature
Figure 9.
Static drain-source on resistance
Figure 10.
Output capacitance stored energy
Figure 11.
Capacitance variations
Figure 12.
Gate charge vs gate-source voltage Figure 13.
Normalized on-resistance vs
temperature
BVDSS
-75
-25
TJ(°C)
(norm)
-50
75
25 50
100
0.90
0.95
1.00
1.05
1.10
125 150
0
ID= 1 mA
AM03925v1
RDS(on)
0.75
0.70
0.65
0.60
0
2
ID(A)
(
Ω)
1
3
0.80
0.85
0.90
0.95
4
5
6
7
VGS= 10 V
AM03926v1
Eoss
3
2
1
0
0
100
VDS(V)
(µJ)
400
4
200
300
5
6
500
600
7
8
AM03929v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM03928v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=520V
ID=7A
50
12
300
200
100
0
400
500
VDS
(V)
AM03927v1
RDS(on)
2.0
1.5
1.0
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100 125 150
2.5
0.0
ID= 1.2 A
AM03931v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com