Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP10N65K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP10N65K3
Description  N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10N65K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STP10N65K3 Datasheet HTML 1Page - STMicroelectronics STP10N65K3 Datasheet HTML 2Page - STMicroelectronics STP10N65K3 Datasheet HTML 3Page - STMicroelectronics STP10N65K3 Datasheet HTML 4Page - STMicroelectronics STP10N65K3 Datasheet HTML 5Page - STMicroelectronics STP10N65K3 Datasheet HTML 6Page - STMicroelectronics STP10N65K3 Datasheet HTML 7Page - STMicroelectronics STP10N65K3 Datasheet HTML 8Page - STMicroelectronics STP10N65K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
November 2012
Doc ID 15732 Rev 3
1/17
17
STF10N65K3, STFI10N65K3,
STP10N65K3
N-channel 650 V, 0.75
Ω typ., 10 A Zener-protected SuperMESH3™
Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
Datasheet
− production data
Features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Improved diode reverse recovery
characteristics
■ Zener-protected
Applications
■ Switching applications
Description
These SuperMESH3™ Power MOSFETs are the
result of improvements applied to
STMicroelectronics’ SuperMESH™ technology,
combined with a new optimized vertical structure.
These devices boast an extremely low on-
resistance, superior dynamic performance and
high avalanche capability, rendering them suitable
for the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDS
RDS(on)
max
ID
PTOT
STF10N65K3
650 V
1
Ω
10 A
35 W
STFI10N65K3
STP10N65K3
150 W
TO-220
TO-220FP
I2PAKFP
1
2
3
1
2
3
TAB
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF10N65K3
10N65K3
TO-220FP
Tube
STFI10N65K3
I2PAKFP
STP10N65K3
TO-220
www.st.com


Similar Part No. - STP10N65K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10N65K3 STMICROELECTRONICS-STP10N65K3 Datasheet
1Mb / 21P
N-channel 650 V, 0.75 Ω typ., 10 A SuperMESH3™ Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
05-Aug-2013
logo
VBsemi Electronics Co.,...
STP10N65K3 VBSEMI-STP10N65K3 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
STP10N65K3 ISC-STP10N65K3 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP10N65K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
19-Feb-2013
STF7N95K3 STMICROELECTRONICS-STF7N95K3 Datasheet
943Kb / 15P
N-channel 950 V, 1.1 Ohm, 7.2 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH3 Power MOSFET
27-Jan-2009
STFW6N120K3 STMICROELECTRONICS-STFW6N120K3 Datasheet
798Kb / 17P
N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
14-Nov-2012
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4 Datasheet
662Kb / 20P
N-channel 900 V, 4.1 Ω typ., 3 A Zener-protected SuperMESH™Power MOSFET in DPAK, TO-220 and TO-220FP packages
29-Jan-2013
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
09-Nov-2012
STF31N65M5 STMICROELECTRONICS-STF31N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
05-Mar-2013
STW45N65M5 STMICROELECTRONICS-STW45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
05-Mar-2013
STP1N105K3 STMICROELECTRONICS-STP1N105K3 Datasheet
673Kb / 18P
N-channel 1050 V, 8 Ω typ., 1.4 A SuperMESH3™ Power MOSFET in TO-220FP, TO-3PF and TO-220 packages
23-Jan-2013
STB10N65K3 STMICROELECTRONICS-STB10N65K3 Datasheet
1Mb / 21P
N-channel 650 V, 0.75 Ω typ., 10 A SuperMESH3™ Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
05-Aug-2013
STFILED625H STMICROELECTRONICS-STFILED625H Datasheet
1Mb / 17P
N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
08-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com