Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP45DT02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MP45DT02
Description  MEMS audio sensor omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT02 Datasheet(HTML) 1 Page - STMicroelectronics

  MP45DT02 Datasheet HTML 1Page - STMicroelectronics MP45DT02 Datasheet HTML 2Page - STMicroelectronics MP45DT02 Datasheet HTML 3Page - STMicroelectronics MP45DT02 Datasheet HTML 4Page - STMicroelectronics MP45DT02 Datasheet HTML 5Page - STMicroelectronics MP45DT02 Datasheet HTML 6Page - STMicroelectronics MP45DT02 Datasheet HTML 7Page - STMicroelectronics MP45DT02 Datasheet HTML 8Page - STMicroelectronics MP45DT02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
July 2012
Doc ID 018658 Rev 5
1/16
1
MP45DT02
MEMS audio sensor omnidirectional digital microphone
Datasheet
production data
Features
Single supply voltage
Low power consumption
120 dBSPL acoustic overload point
Omnidirectional sensitivity
PDM single-bit output with option for stereo
configuration
HLGA package (SMD-compliant)
ECOPACK®, RoHS, and “Green” compliant
Applications
Mobile terminals
Laptop and notebook computers
Portable media players
VoIP
Speech recognition
A/V eLearning devices
Gaming and virtual reality input devices
Digital still and video cameras
Antitheft systems
Description
The MP45DT02 is a compact, low-power, top-
port, omnidirectional, digital MEMS microphone.
The MP45DT02 is built with a sensing element
and an IC interface with stereo capability.
The sensing element, capable of detecting
acoustic waves, is manufactured using a
specialized silicon micromachining process to
produce audio sensors.
The IC interface is manufactured using a CMOS
process that allows designing a dedicated circuit
able to provide a digital signal externally in PDM
format.
The MP45DT02 has an acoustic overload point of
120 dBSPL with a best on the market 61 dB
signal-to-noise ratio and -26 dB sensitivity.
The MP45DT02 is available in an SMD-compliant
package and is guaranteed to operate over an
extended temperature range from -30 °C to
+85 °C.
The MP45DT02’s digital output and package size
(1.25 mm thick) make this device the best solution
for laptop and portable computing applications.
HLGA 4.72 x 3.76 6LD
Table 1.
Device summary
Order code
Temperature range [°C]
Package
Packing
MP45DT02
-30 to +85
HLGA 4.72 x 3.76 6LD
Tray
MP45DT02TR
-30 to +85
HLGA 4.72 x 3.76 6LD
Tape and reel
www.st.com


Similar Part No. - MP45DT02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
MEMS audio sensor omnidirectional digital microphone
13-Jun-2016
MP45DT02TR-M STMICROELECTRONICS-MP45DT02TR-M Datasheet
415Kb / 16P
MEMS audio sensor omnidirectional digital microphone
13-Jun-2016
More results

Similar Description - MP45DT02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
MEMS audio sensor omnidirectional digital microphone
04-Jan-2012
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
MEMS audio sensor omnidirectional digital microphone
07-Jun-2013
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
MEMS audio sensor omnidirectional digital microphone
28-Apr-2016
MP34DT04 STMICROELECTRONICS-MP34DT04 Datasheet
649Kb / 21P
MEMS audio sensor omnidirectional digital microphone
04-Nov-2016
MP34DT05 STMICROELECTRONICS-MP34DT05 Datasheet
633Kb / 21P
MEMS audio sensor omnidirectional digital microphone
04-Nov-2016
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
MEMS audio sensor omnidirectional digital microphone
13-Jun-2016
IMP34DT05 STMICROELECTRONICS-IMP34DT05 Datasheet
1Mb / 20P
MEMS audio sensor omnidirectional digital microphone for industrial applications
Rev 3 - April 2019
MP34DT06J STMICROELECTRONICS-MP34DT06J Datasheet
1Mb / 20P
MEMS audio sensor omnidirectional digital microphone
30-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com