Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP45DT02TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # MP45DT02TR
Description  MEMS audio sensor omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT02TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MP45DT02TR Datasheet HTML 8Page - STMicroelectronics MP45DT02TR Datasheet HTML 9Page - STMicroelectronics MP45DT02TR Datasheet HTML 10Page - STMicroelectronics MP45DT02TR Datasheet HTML 11Page - STMicroelectronics MP45DT02TR Datasheet HTML 12Page - STMicroelectronics MP45DT02TR Datasheet HTML 13Page - STMicroelectronics MP45DT02TR Datasheet HTML 14Page - STMicroelectronics MP45DT02TR Datasheet HTML 15Page - STMicroelectronics MP45DT02TR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application recommendations
MP45DT02
12/16
Doc ID 018658 Rev 5
6
Application recommendations
Figure 4.
MP45DT02 electrical connections
Figure 5.
MP45DT02 electrical connections for stereo configuration
Power supply decoupling capacitors (100 nF ceramic, 10 µF ceramic) should be placed as
near as possible to pin 6 of the device (common design practice).
The L/R pin must be connected to Vdd or GND (refer to Table 8).
Vdd
1
2
3
4
5
6
CLK
Dout
10 µF
10 0 nF
L/R
AM07927v1
Dou t
CODEC
Vdd
Vdd
10 µ F
100 nF
MIC 1
MIC 2
Dout
AM07928v1
1
2
3
4
5
6
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com