Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP45DT02TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # MP45DT02TR
Description  MEMS audio sensor omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT02TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button MP45DT02TR Datasheet HTML 8Page - STMicroelectronics MP45DT02TR Datasheet HTML 9Page - STMicroelectronics MP45DT02TR Datasheet HTML 10Page - STMicroelectronics MP45DT02TR Datasheet HTML 11Page - STMicroelectronics MP45DT02TR Datasheet HTML 12Page - STMicroelectronics MP45DT02TR Datasheet HTML 13Page - STMicroelectronics MP45DT02TR Datasheet HTML 14Page - STMicroelectronics MP45DT02TR Datasheet HTML 15Page - STMicroelectronics MP45DT02TR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package mechanical data
MP45DT02
14/16
Doc ID 018658 Rev 5
Figure 7.
HLGA 4.72 mm x 3.76 mm 6-lead package outline
E1
E2
A1
Pin 1 indicator
L2
N2
N4
D
E
KD
KE
K
K
// KC
C
R1
8287552_A
Table 10.
HLGA 4.72 mm x 3.76 mm 6-lead package dimensions
Symbol
mm
Min
Typ
Max
A1
1.125
1.250
1.375
D1
4.670
4.720
4.770
D2
1.320
R1
0.750
0.840
0.930
E1
3.710
3.760
3.810
E2
1.880
L1
3.200
3.300
3.400
L2
2.250
2.350
2.450
N1
1.550
1.650
1.750
N2
1.075
1.175
1.275
N3
1.350
1.450
1.550
N4
0.865
0.965
1.065
G1
0.810
0.910
1.010
K0.050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com