Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND830E
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830E Datasheet(HTML) 1 Page - STMicroelectronics

  VND830E Datasheet HTML 1Page - STMicroelectronics VND830E Datasheet HTML 2Page - STMicroelectronics VND830E Datasheet HTML 3Page - STMicroelectronics VND830E Datasheet HTML 4Page - STMicroelectronics VND830E Datasheet HTML 5Page - STMicroelectronics VND830E Datasheet HTML 6Page - STMicroelectronics VND830E Datasheet HTML 7Page - STMicroelectronics VND830E Datasheet HTML 8Page - STMicroelectronics VND830E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
February 2005
VND830-E
DOUBLE CHANNEL HIGH SIDE DRIVER
Rev. 3
Table 1. General Features
(*) Per each channel
■ CMOS COMPATIBLE INPUTS
■ OPEN DRAIN STATUS OUTPUTS
■ ON STATE OPEN LOAD DETECTION
■ OFF STATE OPEN LOAD DETECTION
■ SHORTED LOAD PROTECTION
■ UNDERVOLTAGE AND OVERVOLTAGE
SHUTDOWN
■ LOSS OF GROUND PROTECTION
■ VERY LOW STAND-BY CURRENT
■ REVERSE BATTERY PROTECTION (**)
■ IN COMPLIANCE WITH THE 2002/95/EC
EUROPEAN DIRECTIVE
DESCRIPTION
The VND830-E is a monolithic device made by
using
STMicroelectronics
VIPower
M0-3
Technology, intended for driving any kind of load
with one side connected to ground. Active VCC pin
voltage clamp protects the devices against low
energy
spikes
(see
ISO7637
transient
compatibility table).
Figure 1. Package
Active current limitation combined with thermal
shutdown and automatic restart protects the
device against overload. The device detects open
load condition both is on and off state. Output
shorted to VCC is detected in the off state. Device
automatically turns off in case of ground pin
disconnection.
Table 2. Order Codes
Note: (*) See application schematic at page 9
Type
RDS(on)
Iout
VCC
VND830-E
60m
Ω (*)
6A (*)
36V
SO-16L
Package
Tube
Tape and Reel
SO-16L
VND830-E
VND830TR-E
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - VND830E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND830E-E STMICROELECTRONICS-VND830E-E Datasheet
352Kb / 26P
Double channel high-side driver
September 2013 Rev 2
More results

Similar Description - VND830E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND810 STMICROELECTRONICS-VND810 Datasheet
254Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND810SP STMICROELECTRONICS-VND810SP Datasheet
263Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND830 STMICROELECTRONICS-VND830 Datasheet
308Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND830MSP STMICROELECTRONICS-VND830MSP Datasheet
265Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
rev. A
VND830SP STMICROELECTRONICS-VND830SP Datasheet
266Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
rev. A
VND810MSP STMICROELECTRONICS-VND810MSP Datasheet
197Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2004
VND600PEP-E STMICROELECTRONICS-VND600PEP-E Datasheet
232Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
May-2005
VND600SPTR-E STMICROELECTRONICS-VND600SPTR-E Datasheet
412Kb / 27P
Double channel high-side driver
11-Feb-2011
VND810-E STMICROELECTRONICS-VND810-E Datasheet
202Kb / 20P
DOUBLE CHANNEL HIGH SIDE DRIVER
Oct-2004
VND830E-E STMICROELECTRONICS-VND830E-E Datasheet
352Kb / 26P
Double channel high-side driver
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com