Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830E Datasheet(PDF) 3 Page - STMicroelectronics

Part # VND830E
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830E Datasheet(HTML) 3 Page - STMicroelectronics

  VND830E Datasheet HTML 1Page - STMicroelectronics VND830E Datasheet HTML 2Page - STMicroelectronics VND830E Datasheet HTML 3Page - STMicroelectronics VND830E Datasheet HTML 4Page - STMicroelectronics VND830E Datasheet HTML 5Page - STMicroelectronics VND830E Datasheet HTML 6Page - STMicroelectronics VND830E Datasheet HTML 7Page - STMicroelectronics VND830E Datasheet HTML 8Page - STMicroelectronics VND830E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
VND830-E
Figure 3. Configuration Diagram (Top View) & Suggested Connections for Unused and N.C. Pins
Figure 4. Current and Voltage Conventions
Table 4. Thermal Data
Note: (*) When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35
µm thick) connected to all VCC pins. Horizontal
mounting and no artificial air flow.
Note: (**) When mounted on a standard single-sided FR-4 board with 6 cm2 of Cu (at least 35
µm thick) connected to all VCC pins. Horizontal
mounting and no artificial air flow.
Symbol
Parameter
Value
Unit
Rthj-lead
Thermal resistance junction-lead
(MAX)
15
°C/W
Rthj-amb
Thermal resistance junction-ambient
(MAX)
65 (*)
48 (**)
°C/W
VCC
OUTPUT 2
OUTPUT 2
OUTPUT 2
OUTPUT 1
VCC
OUTPUT 1
OUTPUT 1
VCC
INPUT 2
STATUS 2
STATUS 1
INPUT 1
VCC
GND
N.C.
1
8
9
16
Connection / Pin Status
N.C.
Output
Input
Floating
X
X
X
X
To Ground
X
Through 10K
Ω resistor
IS
IGND
OUTPUT 2
VCC
GND
STATUS 2
INPUT 2
IOUT2
IIN2
ISTAT2
VSTAT2
VIN2
VCC
VOUT2
OUTPUT 1
IOUT1
VOUT1
INPUT 1
IIN1
STATUS 1
ISTAT1
VIN1
VSTAT1
VF1 (*)
(*) VFn = VCCn - VOUTn during reverse battery condition
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com