Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F18A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMM4F18A
Description  High junction temperature Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F18A Datasheet(HTML) 1 Page - STMicroelectronics

  SMM4F18A Datasheet HTML 1Page - STMicroelectronics SMM4F18A Datasheet HTML 2Page - STMicroelectronics SMM4F18A Datasheet HTML 3Page - STMicroelectronics SMM4F18A Datasheet HTML 4Page - STMicroelectronics SMM4F18A Datasheet HTML 5Page - STMicroelectronics SMM4F18A Datasheet HTML 6Page - STMicroelectronics SMM4F18A Datasheet HTML 7Page - STMicroelectronics SMM4F18A Datasheet HTML 8Page - STMicroelectronics SMM4F18A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
December 2007
Rev 2
1/10
10
SMM4F
High junction temperature Transil™
Features
■ Typical peak pulse power:
– 400 W (10/1000 µs)
– 2.4 kW (8/20 µs)
■ Stand off voltage range: from 5 V to 33 V
■ Unidirectional types
■ Low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
■ Operating Tj max: 175 °C
■ JEDEC registered package outline
■ RoHS package
■ Halogen free molding compound
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G-Method 3015-7: class3
– 25 kV (human body model)
Description
The SMM4F Transil series has been designed to
protect sensitive equipment against electro-static
discharges according to IEC 61000-4-2, MIL STD
883 Method 3015, and electrical over stress such
as IEC 61000-4-4 and 5. They are generally for
surges below 400 W 10/1000 µs.
This planar technology makes it compatible with
high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time. Their low clamping voltages provide a better
safety margin to protect sensitive circuits with
extended life time expectancy.
Packaged in STmite flat, this minimizes PCB
space consumption (footprint in accordance with
IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
STmite flat
(DO222-AA)
www.st.com


Similar Part No. - SMM4F18A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SMM4F18A SHUNYE-SMM4F18A Datasheet
285Kb / 5P
Stand off voltage range - from 5 V to 33 V
logo
STMicroelectronics
SMM4F18A STMICROELECTRONICS-SMM4F18A Datasheet
625Kb / 12P
Unidirectional type
19-Jan-2017
SMM4F18A-TR STMICROELECTRONICS-SMM4F18A-TR Datasheet
625Kb / 12P
Unidirectional type
19-Jan-2017
More results

Similar Description - SMM4F18A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
26-Jan-2005
SMA6J STMICROELECTRONICS-SMA6J Datasheet
111Kb / 10P
High junction temperature Transil TM
21-Feb-2007
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
High junction temperature Transil?
19-Dec-2007
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
High junction temperature Transil
04-Sep-2008
SMA6J_0711 STMICROELECTRONICS-SMA6J_0711 Datasheet
117Kb / 10P
High junction temperature Transil
07-Nov-2007
logo
Silikron Semiconductor ...
SSBR10100CT SILIKRON-SSBR10100CT Datasheet
195Kb / 2P
High Junction Temperature
SSBR20100CT SILIKRON-SSBR20100CT Datasheet
197Kb / 3P
High Junction Temperature
logo
STMicroelectronics
SMA6F13A-TR STMICROELECTRONICS-SMA6F13A-TR Datasheet
101Kb / 9P
High junction temperature Transil?
01-Sep-2011
logo
Silikron Semiconductor ...
SSBD5L150A SILIKRON-SSBD5L150A Datasheet
297Kb / 5P
High Junction Temperature
logo
STMicroelectronics
SMA4F STMICROELECTRONICS-SMA4F Datasheet
102Kb / 9P
High junction temperature Transil?
September 2008 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com