Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F18A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMM4F18A
Description  High junction temperature Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F18A Datasheet(HTML) 3 Page - STMicroelectronics

  SMM4F18A Datasheet HTML 1Page - STMicroelectronics SMM4F18A Datasheet HTML 2Page - STMicroelectronics SMM4F18A Datasheet HTML 3Page - STMicroelectronics SMM4F18A Datasheet HTML 4Page - STMicroelectronics SMM4F18A Datasheet HTML 5Page - STMicroelectronics SMM4F18A Datasheet HTML 6Page - STMicroelectronics SMM4F18A Datasheet HTML 7Page - STMicroelectronics SMM4F18A Datasheet HTML 8Page - STMicroelectronics SMM4F18A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SMM4F
Characteristics
3/10
Figure 1.
Definition of IPP pulse
Table 4.
Electrical characteristics - parameter values (Tamb = 25 °C)
Type
IRM max@VRM
VBR @IR
(1)
VCL @IPP
10/1000 µs
RD
(2)
10/1000 µs
VCL @IPP
8/20 µs
RD
(2)
8/20 µs
αT(3)
25 °C 85 °C
min
typ
max
max
max
max
µA
V
V
mA
V
A
Ω
VA
Ω
10-4/°C
SMM4F5.0A
10
50
5.0 6.46 6.80 7.14 10
9.2
43.5
0.047
13.4 174
0.04
5.7
SMM4F6.0A
10
50
6.0 6.65 7.00 7.35 10
10.3 38.8
0.076
13.7 170
0.04
5.9
SMM4F6.5A
10
50
6.5 7.13 7.50 7.88 10
11.2 37.5
0.093
14.5 160
0.04
6.1
SMM4F8.5A
10
50
8.5
9.5
10.0 10.5
1
14.4 27.7
0.141
19.5 124
0.07
7.3
SMM4F10A
0.2
1
10
11.4 12.0 12.6
1
17.0 23.5
0.187
21.7 106
0.09
7.8
SMM4F12A
0.2
1
12
13.3 14.0 14.7
1
19.9 20.1
0.259
25.3
91
0.12
8.3
SMM4F13A
0.2
1
13
14.3 15.0 15.8
1
21.5 18.6
0.309
27.2
85
0.13
8.4
SMM4F15A
0.2
1
15
17.1 18.0 18.9
1
24.4 16.4
0.335
32.5
71
0.19
8.8
SMM4F18A
0.2
1
18
20.9 22.0 23.1
1
29.2 14.0
0.436
39.3
59
0.27
9.2
SMM4F20A
0.2
1
20
22.8 24.0 25.2
1
32.4 12.0
0.600
42.8
54
0.33
9.4
SMM4F24A
0.2
1
24
26.6 28.01 29.4
1
38.9
9.5
1.00
50
46
0.47
9.6
SMM4F26A
0.2
1
26
28.5 30.0 31.5
1
42.1
9.0
1.18
53.5
43
0.51
9.7
SMM4F28A
0.2
1
28
31.4 33.0 34.7
1
45.4
8.0
1.34
59.0
39
0.62
9.8
SMM4F33A
0.2
1
33
37.1 39.0 41.0
1
53.3
7.0
1.76
69.7
33
0.87
10.0
1.
Pulse test: tp <50ms.
2.
To calculate maximum clamping voltage at other surge currents, use the following formula VCLmax = RD x IPP + VBRmax
3.
To calculate VBR versus junction temperature, use the following formula: VBR @ Tj = VBR @ 25 °C x (1 + αT x (Tj - 25))
100
50
%IPP
tr
tp
0
t
Repetitive peak pulse current
tr = rise time (µs)
tp = pulse duration time (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com