Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83L771ASG Datasheet(PDF) 13 Page - TALEMA Group. LLC

Part # W83L771ASG
Description  W83L771AWG W83L771ASG Nuvoton H/W Monitoring IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [TALEMA Group. LLC]
Direct Link  http://www.talema.com
Logo TALEMA - TALEMA Group. LLC

W83L771ASG Datasheet(HTML) 13 Page - TALEMA Group. LLC

Back Button W83L771ASG Datasheet HTML 9Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 10Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 11Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 12Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 13Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 14Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 15Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 16Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 17Page - TALEMA Group. LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Publication Release Date: 2009/11/19
Version: 1.91
- 10 -
W83L771AWG/W83L771ASG
7.4
A
CRIT
T
_
_
Output and T_CRIT flags
A
CRIT
T
_
_
Output pulls low when the measured temperature exceeds the critical temperature
(T_CRIT) defined in 19h, and 20h for Remote, and Local T_CRIT set point, respectively. Once the
A
CRIT
T
_
_
Output pulls low, it will not be set high until the measured temperature is lower than
(T_CRIT - TH), where TH is Temperature Hysteresis. Status Register will not be reset until it is read
and the temperature conversion falls below the T_CRIT set point. The ALERT will also be asserted for
T_CRIT event, Figure 7.4 shows this mechanism. Please also refer to the W83L771AWG_773G_775G
Application Note 4.x.pdf for implementation.
Fig. 7.4 Response of
A
CRIT
T
_
_
output
T_CRIT# Set point
TH Value
T_CRIT - TH
Measured temperature by W83L771
W83L771 T_CRIT# pin
W83L771 T_CRIT status
W83L771 read command for
status register
W83L771 ALERT# pin
W83L771 status register read
ALERT Mask will be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com