Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83L771ASG Datasheet(PDF) 21 Page - TALEMA Group. LLC

Part # W83L771ASG
Description  W83L771AWG W83L771ASG Nuvoton H/W Monitoring IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [TALEMA Group. LLC]
Direct Link  http://www.talema.com
Logo TALEMA - TALEMA Group. LLC

W83L771ASG Datasheet(HTML) 21 Page - TALEMA Group. LLC

Back Button W83L771ASG Datasheet HTML 17Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 18Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 19Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 20Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 21Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 22Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 23Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 24Page - TALEMA Group. LLC W83L771ASG Datasheet HTML 25Page - TALEMA Group. LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Publication Release Date: 2009/11/19
Version: 1.91
- 18 -
W83L771AWG/W83L771ASG
8.7
Filter and Alert Configure Register (RDTF)
Read Address: BFh
Write Address: BFh
Power On Default States: 00h
BIT
COMMAND
DESCRIPTION
<D7:D3>
0
No definition and this bit can be read as 0.
<D2:D1>
RDTFA
Filter Level
<D2, D1>=<0, 0>: No Filter Selected
<D2, D1>=<0, 1> or <1, 0>: Filter Level 1 Selected
<D2, D1>=<1, 1>: Filter Level 2 Selected
D0
ALERT Configure
If this bit is
set to „1‟ ALERT Output Comparator mode is
enabled.
8.8
Ideality (IDEA)
The Ideality Factor is dependant upon the process that was used in the fabrication of the particular
diode.
Read Address: E3h
Write Address: E3h
Power On Default States: 84h
REGISTER: IDEA
(DEFAULT IDEALITY: 1.003)
BIT<D7:D0>
RANGE
86h
0.9851~0.9924
85h
0.9925~1.0000
84h
1.0001~1.0076
83h
1.0077~1.0153
82h
1.0154~1.0232
81h
1.0233~1.0312
80h
1.0313~1.0393
7Fh
1.0394~1.0476
7Eh
1.0477~1.0560
7Dh
1.0561~1.0645
7Ch
1.0646~1.0731
7Bh
1.0732~1.0819
00h-7Ah, 87h-FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com