Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ188CA Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMBJ188CA
Description  Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ188CA Datasheet(HTML) 1 Page - STMicroelectronics

  SMBJ188CA Datasheet HTML 1Page - STMicroelectronics SMBJ188CA Datasheet HTML 2Page - STMicroelectronics SMBJ188CA Datasheet HTML 3Page - STMicroelectronics SMBJ188CA Datasheet HTML 4Page - STMicroelectronics SMBJ188CA Datasheet HTML 5Page - STMicroelectronics SMBJ188CA Datasheet HTML 6Page - STMicroelectronics SMBJ188CA Datasheet HTML 7Page - STMicroelectronics SMBJ188CA Datasheet HTML 8Page - STMicroelectronics SMBJ188CA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2010
Doc ID 5616 Rev 10
1/10
10
SMBJ
Transil™
Features
■ Peak pulse power:
– 600 W (10/1000
μs)
– 4 kW (8/20 µs)
■ Stand off voltage range: from 5 V to 188 V
■ Unidirectional and bidirectional types
■ Low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
■ Operating Tjmax: 150 °C
■ High power capability at Tjmax:
– 515 W (10/1000 µs)
■ JEDEC registered package outline
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ IEC 61000-4-5
■ MIL STD 883G, method 3015-7 Class 3B:
– 25 kV HBM (human body model)
■ Resin meets UL 94, V0
■ MIL-STD-750, method 2026 soldererability
■ EIA STD RS-481 and IEC 60286-3 packing
■ IPC 7531 footprint
Description
The SMBJ Transil series has been designed to
protect sensitive equipment against electrostatic
discharges according to IEC 61000-4-2, and
MIL STD 883, method 3015, and electrical over
stress according to IEC 61000-4-4 and 5. These
devices are more generally used against surges
below 600 W (10/1000
μs).
Planar technology makes these devices suitable
for high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time.
SMBJ are packaged in SMB (SMB footprint in
accordance with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
Unidirectional
Bidirectional
SMB
(JEDEC DO-214AA)
www.st.com


Similar Part No. - SMBJ188CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ188CA LITTELFUSE-SMBJ188CA Datasheet
326Kb / 5P
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
logo
DAESAN ELECTRONIC CORP.
SMBJ188CA DAESAN-SMBJ188CA Datasheet
709Kb / 4P
POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Vishay Siliconix
SMBJ188CA VISHAY-SMBJ188CA Datasheet
120Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
04-Sep-07
logo
SynSemi, Inc.
SMBJ188CA SYNSEMI-SMBJ188CA Datasheet
84Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ188CA VISHAY-SMBJ188CA Datasheet
112Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
04-Sep-07
More results

Similar Description - SMBJ188CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
TRANSIL
Nov-1992
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
TRANSIL?
Mar-2003
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
TRANSIL
Oct-2004
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
Transil
20-Oct-2010
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
Transil
12-Mar-2012
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
TRANSIL
Feb-2003
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
TRANSIL
Feb-2003
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
Transil?
12-Jul-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com