Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ188CA Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMBJ188CA
Description  Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ188CA Datasheet(HTML) 4 Page - STMicroelectronics

  SMBJ188CA Datasheet HTML 1Page - STMicroelectronics SMBJ188CA Datasheet HTML 2Page - STMicroelectronics SMBJ188CA Datasheet HTML 3Page - STMicroelectronics SMBJ188CA Datasheet HTML 4Page - STMicroelectronics SMBJ188CA Datasheet HTML 5Page - STMicroelectronics SMBJ188CA Datasheet HTML 6Page - STMicroelectronics SMBJ188CA Datasheet HTML 7Page - STMicroelectronics SMBJ188CA Datasheet HTML 8Page - STMicroelectronics SMBJ188CA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
SMBJ
4/10
Doc ID 5616 Rev 10
Figure 5.
Clamping voltage versus peak pulse current (exponential waveform, maximum values)
Figure 3.
Peak pulse power dissipation
versus initial junction temperature
Figure 4.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
175
P
pp (W)
Tj(°C)
0.1
1.0
10.0
100.0
1.0E-03
1.0E-021.0E-011.0E+00
1.0E+01
P
PP(kW)
T
j initial = 25 °C
tP(ms)
IPP(A )
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
10/1000 µs
Tj initial=25 °C
8/20 µs
10 ms
V CL(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com