Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXT2010 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPXT2010
Description  COMPENSATED PRESSURE SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXT2010 Datasheet(HTML) 3 Page - Motorola, Inc

  MPXT2010 Datasheet HTML 1Page - Motorola, Inc MPXT2010 Datasheet HTML 2Page - Motorola, Inc MPXT2010 Datasheet HTML 3Page - Motorola, Inc MPXT2010 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPXT2010 SERIES
3
Motorola Sensor Device Data
ON–CHIP TEMPERATURE COMPENSATION and CALIBRATION
Figure 2 shows the output characteristics of the MPXT2010
series at 25
°C. The output is directly proportional to the dif-
ferential pressure and is essentially a straight line.
The effects of temperature on full scale span and offset are
small and are shown under Operating Characteristics.
Figure 3 illustrates the differential/gauge die in the basic
chip carrier (Case 473). A silicone gel isolates the die surface
and wire bonds from the environment, while allowing the
pressure signal to be transmitted to the silicon diaphragm.
Figure 2. Output versus Pressure Differential
Figure 3. Cross–Sectional Diagram (not to scale)
MIN
TYP
OFFSET
(TYP)
30
20
15
10
5
25
0
–5
kPa
PSI
2.5
0.362
5
0.725
7.5
1.09
10
1.45
aMAX
SPAN
RANGE
(TYP)
VS = 10 Vdc
TA = 25°C
P1 > P2
FLUORO SILICONE
DIE COAT
WIRE BONDS
LEAD FRAME
DIE
STAINLESS STEEL
METAL COVER
EPOXY CASE
P1
The MPXT2010 series pressure sensor operating charac-
teristics, internal reliability and qualification tests are based
on use of dry air as the pressure media. Media other than dry
air may have adverse effects on sensor performance and
long term reliability. Contact the factory for information re-
garding media compatibility in your application.
LINEARITY
Linearity refers to how well a transducer’s output follows
the equation: Vout = Voff + (sensitivity x P) over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end–point straight line fit, or (2) a least
squares best line fit (see Figure 4).
When calculating linearity, Motorola uses the end–point
straight line fit. This method measures the two end and the
mid range pressure points and compares to ideal. This typi-
cally represents the “worst case” error which is often more
desirable for the customers when calculating an error budget
in their designs.
Figure 4. Linearity Specification Comparison
LEAST
SQUARE
DEVIATION
PRESSURE (% FULLSCALE)
0
50
100
END POINT
STRAIGHT LINE FIT
EXAGGERATED
PERFORMANCE
CURVE
LEAST SQUARES FIT
STRAIGHT LINE
DEVIATION
OFFSET
ORDERING INFORMATION
The MPXT2010G7U pressure sensor is available to be shipped in Rails.
Packing Options
Port Options
Leadform
Case No.
MPXS Series Order No.
Marking
Rails
Element
84 degree
473A–01
MPXT2010G7U
MPXT2010G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com