Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXT2010 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPXT2010
Description  COMPENSATED PRESSURE SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXT2010 Datasheet(HTML) 1 Page - Motorola, Inc

  MPXT2010 Datasheet HTML 1Page - Motorola, Inc MPXT2010 Datasheet HTML 2Page - Motorola, Inc MPXT2010 Datasheet HTML 3Page - Motorola, Inc MPXT2010 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Sensor Device Data
Silicon Pressure Sensor
On-Chip Temperature
Compensated and Calibrated
The MPXT2010 Series silicon piezoresistive pressure sensors provide a very accurate
and linear voltage output — directly proportional to the applied pressure. These sensors
house a single monolithic silicon die with the strain gauge and thin–film resistor network
integrated on each chip. The sensor is laser trimmed for precise span and offset, both
calibrated and temperature compensated.
Features
• Stress Isolated Top Piston Fit Package
• Gauge Pressure Measurement
• Temperature Compensated over 0° to +85°C
• Unique Silicon Shear Stress Strain Gauge
• Ratiometric to Supply Voltage
• Available in Unibody Package (Case 344), See MPX2010 Series Data Sheet
Application Examples
• Respiratory Diagnostic Devices and Systems
• Air Movement Control (HVAC)
• Level Indicators
• Controllers
• Pressure Switching
Figure 1. Calibrated and Temperature Compensated
Pressure Sensor Schematic
VS
3
X–ducer
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout–
1
GND
Senseon and X–ducer are trademarks of Motorola, Inc.
Order this document
by MPXT2010/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
MPXT2010
SERIES
COMPENSATED
PRESSURE SENSOR
0 to 10 kPa (0 to 1.45 psi)
FULL SCALE SPAN: 25 mV
PIN NUMBER
NOTE: Pins 5, 6, 7, and 8 are not
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the Lead.
BASIC ELEMENT
CASE 473A–01
1
2
3
Gnd
+Vout
VS
5
6
7
N/C
N/C
N/C
4–Vout
8
N/C
REV 1


Similar Part No. - MPXT2010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXT4100 MOTOROLA-MPXT4100 Datasheet
134Kb / 8P
X-ducer SILICON PRESSURE SENSORS
MPXT4100A7U MOTOROLA-MPXT4100A7U Datasheet
134Kb / 8P
X-ducer SILICON PRESSURE SENSORS
MPXT4101A7U MOTOROLA-MPXT4101A7U Datasheet
134Kb / 8P
X-ducer SILICON PRESSURE SENSORS
MPXT4105A7U MOTOROLA-MPXT4105A7U Datasheet
134Kb / 8P
X-ducer SILICON PRESSURE SENSORS
MPXT5006D MOTOROLA-MPXT5006D Datasheet
112Kb / 4P
INTEGRATED PRESSURE SENSOR
More results

Similar Description - MPXT2010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated
logo
Sensortechnics GmbH
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
Precision compensated pressure sensors
logo
List of Unclassifed Man...
SM5651-001 ETC2-SM5651-001 Datasheet
1Mb / 5P
COMPENSATED AND CALIBRATED LOW PRESSURE SENSOR
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
Precision compensated pressure sensors
logo
NXP Semiconductors
MPX2300DT1 NXP-MPX2300DT1 Datasheet
106Kb / 7P
MPX2300DT1, 0 to 40 kPa, Differential Compensated Pressure Sensor
Rev. 11, 09/2015
MPXC2011DT1 NXP-MPXC2011DT1 Datasheet
107Kb / 7P
MPXC2011DT1, 0 to 10 kPa, Differential, Compensated Pressure Sensor
Rev. 11, 09/2015
logo
Silicon Microstructures...
SM5651 SMI-SM5651 Datasheet
2Mb / 5P
Compensated and Calibrated low Pressure Sensor
SM5652 SMI-SM5652 Datasheet
1Mb / 5P
Compensated and Calibrated Low Pressure Sensor
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com