Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331TS Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MC68331TS
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331TS Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MC68331TS Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
MC68331TS/D
33
R/W —Read/Write
This field causes a chip select to be asserted only for a read, only for a write, or for both read and write.
Refer to the following table for options available.
STRB —Address Strobe/Data Strobe
0 = Address strobe
1 = Data strobe
This bit controls the timing for assertion of a chip select in asynchronous mode. Selecting address
strobe causes chip select to be asserted synchronized with address strobe. Selecting data strobe caus-
es chip select to be asserted synchronized with data strobe.
DSACK —Data and Size Acknowledge
This field specifies the source of DSACK in asynchronous mode. It also allows the user to adjust bus
timing with internal DSACK generation by controlling the number of wait states that are inserted to op-
timize bus speed in a particular application. The following table shows the DSACK field encoding. The
fast termination encoding (1110) is used for two-cycle access to external memory.
Byte
Description
00
Disable
01
Lower Byte
10
Upper Byte
11
Both Bytes
R/W
Description
00
Reserved
01
Read Only
10
Write Only
11
Read/Write
DSACK
Description
0000
No Wait States
0001
1 Wait State
0010
2 Wait States
0011
3 Wait States
0100
4 Wait States
0101
5 Wait States
0110
6 Wait States
0111
7 Wait States
1000
8 Wait States
1001
9 Wait States
1010
10 Wait States
1011
11 Wait States
1100
12 Wait States
1101
13 Wait States
1110
Fast Termination
1111
External DSACK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com